Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2MT-500 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CN-R2MT-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MT-500 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CN-R2MT-500 Datasheet HTML 1Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2MT-500 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
3
Ordering Information
■ Controllers with Temperature Inputs (Multi-input)
■ Controllers with Analog Inputs
■ Option Units
The E5CN provides optional functionality when one of the following Option Units is mounted.
Note: Option Units cannot be used for Plug-in models.
These Option Units can be used for the new E5CN models only.
Size
Power supply voltage
Number of alarm points
Control outputs
Model
1/16 DIN
48
´ 48 ´ 78 (W ´ H ´ D)
100 to 240 VAC
0
Relay
E5CN-RMT-500
Voltage (for driving SSR) E5CN-QMT-500
Current
E5CN-CMT-500
2
Relay
E5CN-R2MT-500
Voltage (for driving SSR) E5CN-Q2MT-500
Current
E5CN-C2MT-500
Long-life relay
E5CN-Y2MT-500
24 VAC/DC
0
Relay
E5CN-RMT-500
Voltage (for driving SSR) E5CN-QMT-500
Current
E5CN-CMT-500
2
Relay
E5CN-R2MT-500
Voltage (for driving SSR) E5CN-Q2MT-500
Current
E5CN-C2MT-500
Long-life relay
E5CN-Y2MT-500
Size
Power supply voltage
Number of alarm points
Control outputs
Model
1/16 DIN
48
´ 48 ´ 78 (W ´ H ´ D)
100 to 240 VAC
0
Relay
E5CN-RML-500
Voltage (for driving SSR) E5CN-QML-500
Current
E5CN-CML-500
2
Relay
E5CN-R2ML-500
Voltage (for driving SSR) E5CN-Q2ML-500
Current
E5CN-C2ML-500
Long-life relay
E5CN-Y2ML-500
24 VAC/DC
2
Relay
E5CN-R2ML-500
Voltage (for driving SSR) E5CN-Q2ML-500
Current
E5CN-C2ML-500
Functions
Model
Communications
Heater burnout/SSR failure detection
E53-CNH03N
Communications
E53-CN03N
Heater burnout/SSR failure detection
Event inputs
E53-CNHBN
Event inputs
E53-CNBN
Communications
3-phase heater burnout/SSR failure detection
E53-CNHH03N
Communications
Control output 2 (voltage output) E53-CNQ03N
Heater burnout/SSR failure detection
Control output 2 (voltage output) E53-CNQHN
CT1
E53-CNQHN
Control output 2/
CT
−
+
12
11
15
14
13
E53-CNQ03N
Communications/
Control output 2
−
+
B
A
RS-485
12
11
15
14
13
E53-CNHH03N
Communications/
Two CTs
CT2
CT1
13
14
15
11
12
B
A
RS-485
E53-CN03N
Communications
Do not
use.
Do not
use.
Do not
use.
Do not
use.
Do not
use.
B
A
RS-485
12
11
15
14
13
E53-CNBN
Event inputs
EV1
EV2
12
11
15
14
13
E53-CNHBN
Event inputs/
CT
CT1
13
14
15
11
12
EV2
EV1
Attach the appropriate terminal labels.
E53-CNH03N
Communications/
CT
CT1
13
14
15
11
12
B
A
RS-485
Do not
use.
Do not
use.
Do not
use.
Control
output 2
Control
output 2
12 VDC,
21 mA
Voltage
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com