Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03C2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # F2M03C2
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button F2M03C2 Datasheet HTML 17Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 18Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 19Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 20Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 21Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 22Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 23Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 24Page - List of Unclassifed Manufacturers F2M03C2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
5.5
RFCOMM Stack
In this firmware version the upper layers of the Bluetooth stack up to RFCOMM are run onboard the
module. This reduces host-side software and hardware requirements at the expense of some of the power
and flexibility of the HCI only stack.
BASEBAND and RF
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Port Entity
Application
Host
F2M03
Embedded Two-Processor
Architecture
The RFCOMM firmware exposes APIs (application programming interface) to L2CAP, Service Discovery
Protocol (SDP), RFCOMM and Device Manager (DM) functionality. Background information on Bluetooth
and its upper layers can be found in the Bluetooth specification v1.1. The firmware also contains a Virtual
Machine (VM), which may be used to develop customer applications on the module.
Two variants of this firmware are provided; one supports the BlueCore Serial Protocol (BCSP) transport
protocol and the other supports the Bluetooth UART (Universal Asynchronous Receiver Transmitter) H4
protocol.
Note:
RFCOMM firmware does not expose the Host Controller Interface (HCI) and is, therefore, not suitable for
use with third party stacks.
5.5.1 Key Features of the RFCOMM Stack
Interfaces to Host
•
RFCOMM, an RS-232 serial cable emulation protocol
•
SDP, a service database look-up protocol
Connectivity
•
Maximum number of active slaves: 3
•
Maximum number of simultaneous active ACL connections: 3
•
Maximum number of simultaneous active SCO connections: 3
•
Data Rate: up to 350 Kb/s
Security
•
Full support for all Bluetooth security features up to and including strong (128-bit) encryption.
Power Saving
•
Full support for all Bluetooth power saving modes (Park, Sniff and Hold).
© 2003 Free2move AB
Page 21(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com