Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2M03C2001 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # F2M03C2001
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 12Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
5
Firmware versions
F2M03 is supplied with Bluetooth stack firmware, which runs on the internal RISC micro controller of the
Bluetooth module. This chapter includes an overview of the different options for more in depth information
please use separate firmware datasheets provided by Free2move.
All firmware versions are compliant with the Bluetooth specification v1.1. The F2M03 software architecture
allows Bluetooth processing to be shared between the internal micro controller and a host processor.
Depending on application the upper layers of the Bluetooth stack (above HCI) can execute on-chip or on
the host processor.
Running the upper stack on F2M03 module reduces (or eliminates, in the case of a on module application)
the need for host-side software and processing time.
The integration approach depends on the type of product being developed. For example, performance will
depend on the integration approach adopted. In general Free2move offers four categories of Bluetooth
stack firmware:
•
Wireless UART; offers a transparent interface to the Bluetooth channel. There is no need for
additional drivers or Bluetooth software on the host.
•
Embedded module solutions offer an application to run on the module. There is no need for an
external host (E.g a Bluetooth headset).
•
Two-processor solution involving a host and host controller, where the higher layers of the
Bluetooth stack has to be implemented on the host.
•
Two-processor embedded solution offers a host with limited resources to gain access to a
Bluetooth stack, with the higher layers on-chip, via a special API.
The protocol layer models for the different Bluetooth stack firmware categories can be represented as
shown in the figures below.
Hardware
BASEBAND and RF
APPLICATION INTERFACE
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Wireless UART application (SPP)
F2M03
Host
Application
Hardware
BASEBAND and RF
APPLICATION INTERFACE
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Application
F2M03
Host
Wireless UART
Embedded single-
processor architecture
© 2003 Free2move AB
Page 9(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com