Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDP-SJS-LM2-1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDP-SJS-LM2-1
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDP-SJS-LM2-1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDP-SJS-LM2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DDP-SJS-LM2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
07/06/2007 V10.0
1
Features:
> High brightness surface mount LED.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
DomiLEDTM
AlInGaP : DDx-xJS
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DDP-SJS-LM2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDP-SJS-N1 DOMINANT-DDP-SJS-N1 Datasheet
762Kb / 12P
LED
DDP-SJS-N2 DOMINANT-DDP-SJS-N2 Datasheet
762Kb / 12P
LED
DDP-SJS-NP2-1-I3 DOMINANT-DDP-SJS-NP2-1-I3 Datasheet
762Kb / 12P
LED
DDP-SJS-NP2-1-I3 DOMINANT-DDP-SJS-NP2-1-I3 Datasheet
1,004Kb / 12P
High brightness surface mount LED
DDP-SJS-P1 DOMINANT-DDP-SJS-P1 Datasheet
762Kb / 12P
LED
More results

Similar Description - DDP-SJS-LM2-1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMPCX08 HP-HLMPCX08 Datasheet
95Kb / 8P
AlInGaP LED LAMP
logo
DOMINANT Semiconductors
DDH-CRS-PQ2-1 DOMINANT-DDH-CRS-PQ2-1 Datasheet
630Kb / 11P
LED - AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
LED AlInGaP
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
LED AlInGaP
logo
OSA Opto Light GmbH
170272 OSA-170272 Datasheet
52Kb / 1P
AlInGaP / GaAs LED Chips
180272 OSA-180272 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
180282 OSA-180282 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
181272 OSA-181272 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
193272 OSA-193272 Datasheet
52Kb / 1P
AlInGaP / GaAs LED Chips
194170 OSA-194170 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com