Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R1TU Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # E5CN-R1TU
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R1TU Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button E5CN-R1TU Datasheet HTML 14Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 15Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 16Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 17Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 18Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 19Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 20Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 21Page - Omron Electronics LLC E5CN-R1TU Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Digital Temperature Controllers
E5CN/E5CN-U
Improvements to E5CN Functionality
■ Changes
Model numbers have been changed to allow for multi-input
specifications.
Precautions in Replacing Previous
Controllers
• The input type setting numbers have changed to allow for multi-
input specifications. (The default setting is for a K sensor between
-200 and 1,300°C.)
• Previous E5CN Controllers cannot be removed from the case for
replacement with new models. Replace the case at the same time.
• The previous ThermoTools cannot be used with the new Controller
models. Use the ThermoTools scheduled for marketing from July
2004.
• The height of the front panel that extends when the Controller is
mounted to a panel has been reduced from 9 to 6 mm.
Note: Items That Have Not Been Changed
• Panel cutout dimensions
• Panel interior dimensions for panel mounting
• Wiring terminal sizes
• Wiring terminal arrangement
• Parameter setting procedure
■ Improved Functions
The previous and new models can be easily differentiated by looking at the front panel. The OMRON logo is in a different position.
Basically, the Controllers are upwardly compatible. The terminal arrangement, terminal sizes, and depth for panel mounting have not been
changed. Changes are listed in the following tables. For details, refer to the E5CN/E5CN-U Temperature Controller User's Manual (Cat. No. H129)
and to the E5CN Temperature Controller Communications User's Manual (Cat. No. H130).
Before Change
E5CN-
@@@TC (models for thermocouples)
E5CN-
@@@P (models for platinum resistance thermometers)
After Change
E5CN-
@@@T
(Models that support both thermocouples and platinum resistance
thermometers)
6 mm
Item
Previous models (OMRON logo: lower left)
Improved models (OMRON logo: upper left)
Front panel
The following items do not change in comparison to the previous E5CN models: Panel cutout, Internal panel
dimensions for panel mounting, wiring screw sizes, wiring terminal arrangement, and parameter setting
methods.
ALM1
ALM2
HB
OUT1
OUT2
STOP
CMW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com