Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R100 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 43Page - STMicroelectronics ST25R100 Datasheet HTML 44Page - STMicroelectronics ST25R100 Datasheet HTML 45Page - STMicroelectronics ST25R100 Datasheet HTML 46Page - STMicroelectronics ST25R100 Datasheet HTML 47Page - STMicroelectronics ST25R100 Datasheet HTML 48Page - STMicroelectronics ST25R100 Datasheet HTML 49Page - STMicroelectronics ST25R100 Datasheet HTML 50Page - STMicroelectronics ST25R100 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
5.13.26
Reserved
Address: 19h
Type: RW
Domain: RD
Table 41. Reserved
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
1
5
RFU
0
4
RFU
0
3
RFU
1
-
-
2
RFU
0
-
-
1
RFU
0
-
-
0
RFU
0
-
-
5.13.27
Reserved
Address: 1Ah
Type: RW
Domain: RD
Table 42. Reserved
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
RFU
0
-
-
3
RFU
0
-
-
2
RFU
0
-
-
1
RFU
0
-
-
0
RFU
0
-
-
5.13.28
MRT SQT configuration register
Address: 1Bh
Type: RW
Domain: RD
Table 43. MRT SQT configuration register
Bit
Name
Default
Function
Comment
7
sq_del1
0
00: 18.88 μs
01: 37.76 μs
10: 75.52 μs
11: 151.04 μs
Defines the delay, in 18.88μs steps, of the
squelch enable, with respect to end of
transmission
6
sq_del0
0
5
mrt_step1
1
00: 16/fc (1.18 μs)
Selects the mask-receive timer step
ST25R100
Application information
DS14139 - Rev 5
page 47/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com