Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5060AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TSA5060AT
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TSA5060AT Datasheet HTML 1Page - NXP Semiconductors TSA5060AT Datasheet HTML 2Page - NXP Semiconductors TSA5060AT Datasheet HTML 3Page - NXP Semiconductors TSA5060AT Datasheet HTML 4Page - NXP Semiconductors TSA5060AT Datasheet HTML 5Page - NXP Semiconductors TSA5060AT Datasheet HTML 6Page - NXP Semiconductors TSA5060AT Datasheet HTML 7Page - NXP Semiconductors TSA5060AT Datasheet HTML 8Page - NXP Semiconductors TSA5060AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2000 Oct 24
4
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
BLOCK DIAGRAM
handbook, full pagewidth
FCE717
PRE
AMP
AMP
LOCK
DETECT
DIGITAL PHASE
COMPARATOR
CHARGE PUMP
REFERENCE
DIVIDER
DIVIDER
1/2
17-BIT
DIVIDER
17-BIT LATCH
DIVIDE RATIO
I2C-BUS
TRANSCEIVER
1-BIT
LATCH
2-BIT
LATCH
3-BIT
ADC
POWER-ON
RESET
MODE
CONTROL
LOGIC
3-BIT
INPUT
PORTS
4-BIT LATCH
AND
OUTPUT PORTS
XTAL
OSCILLATOR
4-BIT LATCH
2
XTAL
13
RFA
14
RFB
4
AS
6
SCL
5
SDA
11
10
9
8
7
ADC
CP
1
XT/COMP
3
DRIVE
16
VCC
12
GND
15
TSA5060A
P3 P2 P1 P0
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com