Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC18F23K20-E/SP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC18F23K20-E/SP Datasheet HTML 76Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 77Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 78Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 79Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 80Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 81Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 82Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 83Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 78
Advance Information
© 2007 Microchip Technology Inc.
TMR0H
Timer0 Register, High Byte
0000 0000
58, 139
TMR0L
Timer0 Register, Low Byte
xxxx xxxx
58, 139
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
58, 137
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0011 qq00
27, 58
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
58, 283
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
58, 299
RCON
IPEN
SBOREN(1)
—RI
TO
PD
POR
BOR
0q-1 11q0
49, 56,
114
TMR1H
Timer1 Register, High Byte
xxxx xxxx
58, 146
TMR1L
Timer1 Register, Low Bytes
xxxx xxxx
58, 146
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
58, 141
TMR2
Timer2 Register
0000 0000
58, 148
PR2
Timer2 Period Register
1111 1111
58, 148
T2CON
—
T2OUTPS3
T2OUTPS2
T2OUTPS1
T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
58, 147
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
58, 193,
194
SSPADD
SSP Address Register in I2C™ Slave Mode. SSP Baud Rate Reload Register in I2C Master Mode.
0000 0000
58, 194
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
58, 187,
196
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
58, 187,
196
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
58, 197
ADRESH
A/D Result Register, High Byte
xxxx xxxx
59, 267
ADRESL
A/D Result Register, Low Byte
xxxx xxxx
59, 267
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
59, 261
ADCON1
—
—VCFG1
VCFG0
—
—
—
—
--00 ----
59, 262
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
59, 263
CCPR1H
Capture/Compare/PWM Register 1, High Byte
xxxx xxxx
59, 154
CCPR1L
Capture/Compare/PWM Register 1, Low Byte
xxxx xxxx
59, 154
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
59, 165
CCPR2H
Capture/Compare/PWM Register 2, High Byte
xxxx xxxx
59, 154
CCPR2L
Capture/Compare/PWM Register 2, Low Byte
xxxx xxxx
59, 154
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
59, 153
PSTRCON
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
---0 0001
59, 179
BAUDCTL
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
0100 0-00
59, 238
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
59, 178
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
59, 175
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
59, 281
CVRCON2
FVREN
FVRST
—
—
—
—
—
—
00-- ----
59, 282
TMR3H
Timer3 Register, High Byte
xxxx xxxx
59, 151
TMR3L
Timer3 Register, Low Byte
xxxx xxxx
59, 151
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
59, 149
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2XK20/4XK20) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise it is disabled and reads as ‘0’. See
Section 4.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configuration; otherwise it is disabled and reads as ‘0’. See Section 2.6.2 “PLL in
HFINTOSC Modes”.
4:
The RE3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0). Otherwise, RE3 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
All bits of the ANSELH register initialize to ‘0’ if the PBADEN bit of CONFIG3H is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com