Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77781-R1 Datasheet(PDF) 1 Page - VAT Group AG

Part # 77781-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77781-R1 Datasheet(HTML) 1 Page - VAT Group AG

  77781-R1 Datasheet HTML 1Page - VAT Group AG 77781-R1 Datasheet HTML 2Page - VAT Group AG 77781-R1 Datasheet HTML 3Page - VAT Group AG 77781-R1 Datasheet HTML 4Page - VAT Group AG 77781-R1 Datasheet HTML 5Page - VAT Group AG 77781-R1 Datasheet HTML 6Page - VAT Group AG 77781-R1 Datasheet HTML 7Page - VAT Group AG 77781-R1 Datasheet HTML 8Page - VAT Group AG 77781-R1 Datasheet HTML 9Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
1/19
Control Gate Valve
with 3-position pneumatic actuator
Sample picture
This manual is valid for the valve ordering number(s):
640.. - .E.8 - . . . .
The fabrication number is indicated on each product as per the label
below (or similar):
made in Switzerland
Fabrication No.:
patented
. .
640 . .
–.... –..../....
A
–......
Fabrication number
Explanation of symbols:
Read declaration carefully before you start any other
action!
Keep body parts and objects away from the valve
opening!
Attention!
Hot surfaces; do not touch!
Product is in conformity with EC guidelines,
if applicable!
Loaded springs and/or air cushions are potential
hazards!
Disconnect electrical power and compressed air lines.
Do not touch parts under voltage!
Wear gloves!
Read these «Installation, Operating & Maintenance Instructions» and the enclosed «General
Safety Instructions» carefully before you start any other action!


Similar Part No. - 77781-R1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777810-01 NI-777810-01 Datasheet
382Kb / 9P
48-Bit Isolated Digital I/O
777812-01 NI-777812-01 Datasheet
119Kb / 7P
CB-100 I/O CONNECTOR BLOCK
October 1998
More results

Similar Description - 77781-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL101 ETC1-CL101 Datasheet
270Kb / 1P
Control valve Pressure reducing valve
logo
Festo Corporation.
VEAA-B-3-D9-F-A4-1R1 FESTO-VEAA-B-3-D9-F-A4-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VPWS-1.5-B-6-PC15-8-V FESTO-VPWS-1.5-B-6-PC15-8-V Datasheet
87Kb / 2P
Proportional directional control valve
VEAB-B-26-D2-F-A4-1R1 FESTO-VEAB-B-26-D2-F-A4-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-B-26-D9-F-V1-1R1 FESTO-VEAB-B-26-D9-F-V1-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-B-26-D12-F-A4-1R1 FESTO-VEAB-B-26-D12-F-A4-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-L-26-D14-Q4-A4-1R1 FESTO-VEAB-L-26-D14-Q4-A4-1R1 Datasheet
90Kb / 2P
Proportional pressure control valve
8088772 FESTO-8088772 Datasheet
74Kb / 2P
Valve control module
1/21/22
8046304 FESTO-8046304 Datasheet
91Kb / 2P
Proportional pressure control valve
6/27/22
8046305 FESTO-8046305 Datasheet
91Kb / 2P
Proportional pressure control valve
6/27/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com