Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIX501PPCSS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EIX501PPCSS
Description  Proximity Sensors Inductive Stainless Steel Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EIX501PPCSS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EIX501PPCSS Datasheet HTML 1Page - List of Unclassifed Manufacturers EIX501PPCSS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (20.08.01)
1
Types EI, Ø 4, 5 x 5 mm
Stainless Steel Housing
Proximity Sensors Inductive
• Miniature stainless steel housing Ø 4,
aluminium 5 x 5 mm
• Sensing distance: 1 mm
• Power supply: 10 to 30 VDC
• Output: Transistor NPN/PNP, make or break switching
•Protection: Short-circuit, reverse polarity and overload
• LED-indication for output ON
•2 m PUR cable or M8 plug
Product Description
Miniature inductive proximity
sensor available as Ø 4 and
5 x 5 mm types. Output con-
figuration for NPN/PNP with
both NO and NC types as
standard. Housing materials
are stainless steel for Ø 4 and
aluminium for the 5 x 5 mm
type. Cabled models utilise 2
meters of PUR cable and
plug
versions
features
a
bright ring LED.
Type
Housing diameter (mm)
Rated operating dist. (mm)
Output type
Housing material
Housing type
Connection type
Type Selection
Housing
Rated
Connection
Ordering no.
Ordering no.
Ordering no.
Ordering no.
diameter
operating
type
Transistor NPN
Transistor NPN
Transistor PNP
Transistor PNP
dist. (Sn)
Make switching
Break switching
Make switching
Break switching
Ø 4 mm
0.8 mm 1)
Cable
EI 0401 NPOSS
EI 0401 NPCSS
EI 0401 PPOSS
EI 0401 PPCSS
Ø 4 mm
0.8 mm 1)
Plug
EI 0401 NPOSS-5
EI 0401 NPCSS-5
EI 0401 PPOSS-5
EI 0401 PPCSS-5
5 x 5 mm
0.8 mm 1)
Cable
EI X501 NPOSS
EI X501 NPCSS
EI X501 PPOSS
EI X501 PPCSS
5 x 5 mm
0.8 mm 1)
Plug
EI X501 NPOSS-5
EI X501 NPCSS-5
EI X501 PPOSS-5 EI X501 PPCSS-5
1) For flush mounting in metal
Specifications
Rated operational volt. (UB)
10 to 30 VDC (ripple included)
Ripple
≤ 10%
Rated operational current (Ie)
Continuous
≤ 150 mA @ + 25°C (+75°F)
No-load supply current (Io)
≤ 2.1 mA
OFF: 1.5 mA
ON: 10 mA
Voltage drop (Ud)< 1 V
Protection
Reverse polarity,
short-circuit, overload
Transient voltage
≤ 1 kV/0.5 J (prepared)
Power ON delay
Ca. 500 µs
Frequency of operating cycles (f) 1000 Hz
Indication for output ON
LED, yellow
Assured operating dist. (Sa)0 to 0.52 mm
Repeat accuracy (R)
± 0.01 mm
Hysteresis (H)
(Differential travel)
3 to 15% of sensing distance
Effective operating dist. (Sr)
0.9 x Sn
≤ S
r
≤ 1.1 x S
n
Usable operating dist. (Su)
0.85 x Sr
≤ S
u
≤ 1.15 x S
r
Ambient temperature
Operating
-25° to +70°C (-13° to +158°F)
Storage
-30° to +80°C (-22° to +176°F)
Degree of protection
Plug versions:
IP 65
Cable versions: IP 67
(Nema 1, 3, 4, 6, 13)
Connection
Cable
2 m, 3 x 0.14 mm2
grey PUR, oil proof
Plug
M8, CONH5A-xxx Serie
Housing material
Body
Ø 4
Stainless steel (1.4301)
5 x 5 mm
Aluminium
Cap
Plastic
Weight
Cable versions: 25 g
Plug versions:
4 g
Tightening torque
1 Nm
CE-marking
Yes
Ordering Key
EI 0401 PPO SS-5


Similar Description - EIX501PPCSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DJ25E ETC2-DJ25E Datasheet
75Kb / 2P
Proximity Sensors Inductive ABS Housing
DR3G ETC2-DR3G Datasheet
71Kb / 2P
Proximity Sensors Capacitive Steel Housing
DU10E ETC2-DU10E Datasheet
83Kb / 3P
Proximity Sensors Inductive ABS Housing
EI0601NACS ETC2-EI0601NACS Datasheet
63Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EI3010PPCSL ETC2-EI3010PPCSL Datasheet
145Kb / 3P
Proximity Sensors Inductive Stainless Steel Housing
logo
Carlo Gavazzi Holding A...
EI1202TBOSL-6 CARLOGAVAZZI-EI1202TBOSL-6 Datasheet
73Kb / 3P
Proximity Sensors Inductive Stainless Steel Housing Types EI, AC, M12, M18, M30
EI1202NPOSS-1 CARLOGAVAZZI-EI1202NPOSS-1 Datasheet
76Kb / 3P
Proximity Sensors Inductive Stainless Steel Housing Types EI, DC, M12, M18, M30
EI0601NACS CARLOGAVAZZI-EI0601NACS Datasheet
90Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing Types EI, 횠 6.5, M8, NAMUR
EC3025TBASL-6 CARLOGAVAZZI-EC3025TBASL-6 Datasheet
325Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
EC3025PPASL-1 CARLOGAVAZZI-EC3025PPASL-1 Datasheet
365Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com