Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG620Z Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # LG620Z
Description  GREEN OVAL LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LG620Z Datasheet(HTML) 3 Page - Seoul Semiconductor

  LG620Z Datasheet HTML 1Page - Seoul Semiconductor LG620Z Datasheet HTML 2Page - Seoul Semiconductor LG620Z Datasheet HTML 3Page - Seoul Semiconductor LG620Z Datasheet HTML 4Page - Seoul Semiconductor LG620Z Datasheet HTML 5Page - Seoul Semiconductor LG620Z Datasheet HTML 6Page - Seoul Semiconductor LG620Z Datasheet HTML 7Page - Seoul Semiconductor LG620Z Datasheet HTML 8Page - Seoul Semiconductor LG620Z Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
LT770D
LT770D
Description
• Non-standoff leads
• 5mm type package
• Color Diffused
epoxy lens
• Viewing angle
: 70/40 º
• Dominant Wavelength
:525nm
Features
Applications
• Electronic signs
and signals
• Specialty lighting
• Small area illumination
• Backlighting
• Other outdoor displays
Lamp LEDs are effective in hot thermal
and humid condition. This high brightness
and weather-resistant packaging design
makes these Lamp LEDs
ideal for
Outdoor applications such as traffic
signals, variable message signs and
backlighting for transparent sign panels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com