Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR620Z Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # LR620Z
Description  GREEN OVAL LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR620Z Datasheet(HTML) 1 Page - Seoul Semiconductor

  LR620Z Datasheet HTML 1Page - Seoul Semiconductor LR620Z Datasheet HTML 2Page - Seoul Semiconductor LR620Z Datasheet HTML 3Page - Seoul Semiconductor LR620Z Datasheet HTML 4Page - Seoul Semiconductor LR620Z Datasheet HTML 5Page - Seoul Semiconductor LR620Z Datasheet HTML 6Page - Seoul Semiconductor LR620Z Datasheet HTML 7Page - Seoul Semiconductor LR620Z Datasheet HTML 8Page - Seoul Semiconductor LR620Z Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
Specification
LT770D
SSC
Customer
Drawn
Approval
Approval


Similar Part No. - LR620Z

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6205 LRC-LR6205 Datasheet
518Kb / 11P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6209 LRC-LR6209 Datasheet
432Kb / 5P
Buit-in Chip Current Limit & Short Protect Circuit
More results

Similar Description - LR620Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLJGGD8 OPTEK-OVLJGGD8 Datasheet
652Kb / 4P
Oval Green LED Lamp (4mm)
5/26
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
Oval Green LED Lamp (3mm)
5/26
logo
SunLED Corporation
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
OVAL LED LAMP
logo
Bright View Electronic ...
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
OVAL LED LAMP
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
OVAL LED LAMP
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
Oval Green LED Lamp (5mm)
OVLJGGD8 TTELEC-OVLJGGD8 Datasheet
653Kb / 4P
Oval Green LED Lamp (4mm)
OVLKGGT6 TTELEC-OVLKGGT6 Datasheet
772Kb / 4P
Oval Green LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com