Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/LSQTP Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC18F258-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 101Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 102Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 103Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 104Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 105Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 106Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 107Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 108Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 103
PIC18FXX8
TABLE 9-7:
PORTD FUNCTIONS
TABLE 9-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit#
Buffer Type
Function
RD0/PSP0/C1IN+
bit 0
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 0 or C1IN+ comparator
input.
RD1/PSP1/C1IN-
bit 1
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 1 or C1IN- comparator
input.
RD2/PSP2/C2IN+
bit 2
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 2 or C2IN+ comparator
input.
RD3/PSP3/C2IN-
bit 3
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 3 or C2IN- comparator
input.
RD4/PSP4/ECCP1/P1A
bit 4
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 4 or ECCP1/P1A pin.
RD5/PSP5/P1B
bit 5
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 5 or P1B pin.
RD6/PSP6/P1C
bit 6
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 6 or P1C pin.
RD7/PSP7/P1D
bit 7
ST/TTL(1)
Input/output port pin, Parallel Slave Port bit 7 or P1D pin.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
LATD
LATD Data Output Register
xxxx xxxx
uuuu uuuu
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1 TRISE0
0000 -111
0000 -111
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com