Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/LSQTP Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC18F258-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 104Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 105Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 106Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 107Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 108Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 109Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 110Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 111Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 402 page
background image
PIC18FXX8
DS41159E-page 106
© 2006 Microchip Technology Inc.
TABLE 9-9:
PORTE FUNCTIONS
TABLE 9-10:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit#
Buffer Type
Function
RE0/AN5/RD
bit 0
ST/TTL(1)
Input/output port pin, analog input or read control input in Parallel
Slave Port mode.
RE1/AN6/WR/C1OUT
bit 1
ST/TTL(1)
Input/output port pin, analog input, write control input in Parallel Slave
Port mode or Comparator 1 output.
RE2/AN7/CS/C2OUT
bit 2
ST/TTL(1)
Input/output port pin, analog input, chip select control input in Parallel
Slave Port mode or Comparator 2 output.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
0000 -111
0000 -111
PORTE
—
—
—
—
—
Read PORTE pin/
Write PORTE Data Latch
---- -xxx
---- -uuu
LATE
—
—
—
—
—
Read PORTE Data Latch/
Write PORTE Data Latch
---- -xxx
---- -uuu
ADCON1 ADFM ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
00-- 0000
00-- 0000
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PORTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com