Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431ACMD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM431ACMD
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM431ACMD Datasheet(HTML) 3 Page - NXP Semiconductors

  LM431ACMD Datasheet HTML 1Page - NXP Semiconductors LM431ACMD Datasheet HTML 2Page - NXP Semiconductors LM431ACMD Datasheet HTML 3Page - NXP Semiconductors LM431ACMD Datasheet HTML 4Page - NXP Semiconductors LM431ACMD Datasheet HTML 5Page - NXP Semiconductors LM431ACMD Datasheet HTML 6Page - NXP Semiconductors LM431ACMD Datasheet HTML 7Page - NXP Semiconductors LM431ACMD Datasheet HTML 8Page - NXP Semiconductors LM431ACMD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VKA
Cathode voltage (see Note 1)
37
V
Continuous cathode current range
–100 to +150
mA
Reference input current range
0.05 to 10
mA
Operating free-air temperature range
Tamb
C suffix
0 to +70
°C
I suffix
–40 to +85
°C
TSTG
Temperature storage range
–65 to 150
°C
Lead temperature 1.6mm (1/16 in.) from case for 10 sec: D or P pkgs
260
°C
Lead temperature 1.6mm (1/16 in.) from case for 60 sec: LP pkg
300
°C
NOTE:
1. Voltage values are with respect to the anode terminal unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
MAX
UNITS
VKA
Cathode voltage
VREF
36
V
IK
Cathode current
1
100
mA
Table 1. Dissipation Rating Table – Free-Air Temperature
Package
Derating Factor Above Tamb
= 25
°C
Tamb = 25°C
Power Rating
Tamb = 70°C
Power Rating
Tamb = 85°C
Power Rating
D
5.8mW/
°C
725mW
464mW
429mW
LP
6.2mW/
°C
775mW
496mW
403mW
P
8.0mW/
°C
1000mW
640mW
520mW
CATHODE
REF
ANODE
Q5
QD6
R5
3.28K
R11
2.4K
Q11
Q10
R9
800
R8
1000
Q9
C2
20p
R10
7.2K
R7
320
Q8
QD2
R1
10K
R2
150
Q2
Q1
Qq1
C1
20p
R3
800
R4
800
Q4
Q7
SL01188
Q3
Figure 2.
Equivalent Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com