Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SS Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 48Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 49Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 50Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 51Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 52Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 53Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 54Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 55Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 50
Preliminary
© 2007 Microchip Technology Inc.
3.4.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTB pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the SSP, I2C or interrupts, refer to the appropriate
section in this data sheet.
3.4.4.1
RB0/AN12/INT
Figure 3-9 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• an external edge triggered interrupt
3.4.4.2
RB1/AN10/P1C(1)/C12IN3-
Figure 3-9 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a PWM output
(1)
• an analog input to Comparator C1 or C2
3.4.4.3
RB2/AN8/P1B(1)
Figure 3-9 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a PWM output
(1)
3.4.4.4
RB3/AN9/PGM/C12IN2-
Figure 3-9 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• Low-voltage In-Circuit Serial Programming enable
pin
• an analog input to Comparator C1 or C2
FIGURE 3-9:
BLOCK DIAGRAM OF
RB<3:0>
Note 1: P1C is available on PIC16F882/883/886
only.
Note 1: P1B is available on PIC16F882/883/886
only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
Weak
Analog(1)
Input Mode
Data Bus
WR
WPUB
RD
WPUB
WR
PORTB
WR
TRISB
RD
TRISB
To A/D Converter
RB0/INT
Analog(1)
Input Mode
RBPU
Note
1:
ANSELH determines Analog Input mode.
RB3/PGM
To Comparator (RB1, RB3)
D
Q
CK
Q
D
EN
Q
D
EN
Q
RD PORTB
RD
PORTB
WR
IOCB
RD
IOCB
Interrupt-on-
Change
Q3
1
0
CCP1OUT Enable
CCP1OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com