Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64338024S Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD64338024S
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024S Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD64338024S Datasheet HTML 45Page - Renesas Technology Corp HD64338024S Datasheet HTML 46Page - Renesas Technology Corp HD64338024S Datasheet HTML 47Page - Renesas Technology Corp HD64338024S Datasheet HTML 48Page - Renesas Technology Corp HD64338024S Datasheet HTML 49Page - Renesas Technology Corp HD64338024S Datasheet HTML 50Page - Renesas Technology Corp HD64338024S Datasheet HTML 51Page - Renesas Technology Corp HD64338024S Datasheet HTML 52Page - Renesas Technology Corp HD64338024S Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 7 of 652
REJ09B0042-0700
1.2
Internal Block Diagram
Figure 1.1(1) shows a block diagram of the H8/38024 Group and H8/38024S Group.
Figure 1.1(2) shows a block diagram of the H8/38124 Group.
Sub clock
OSC
H8/300L
CPU
RAM
(512 bytes to 1 Kbyte)
System clock
OSC
ROM
(8 Kbytes to 32 Kbytes)
Timer A
Timer C
Timer F
Timer G
Asynchronous
counter
(16 bits)
A/D
(10 bits)
Serial
communication
interface
(SCI3)
10-bit PWM1
10-bit PWM2
LCD
controller
Large-current (25 mA/pin) high-voltage open-drain pin (7 V)
Large-current (10 mA/pin) (H8/38024S Group only)
Large-current (10 mA/pin) high-voltage open-drain pin (7 V)
Large-current (10 mA/pin) (H8/38024S Group only)
High-voltage (7 V) input pin (Except for H8/38024S Group)
PA3/COM4
PA2/COM3
PA1/COM2
PA0/COM1
P77/SEG24
P76/SEG23
P75/SEG22
P74/SEG21
P73/SEG20
P72/SEG19
P71/SEG18
P70/SEG17
P87/SEG32
P86/SEG31
P85/SEG30
P84/SEG29
P83/SEG28
P82/SEG27
P81/SEG26
P80/SEG25
P60/SEG9
P61/SEG10
P62/SEG11
P63/SEG12
P64/SEG13
P65/SEG14
P66/SEG15
P67/SEG16
P40/SCK32
P41/RXD32
P42/TXD32
P43/IRQ0
OSC1
OSC2
x1
x2
P13/TMIG
P14/IRQ4/ADTRG
P16
P17/IRQ3/TMIF
P30/UD
P31/TMOFL
P32/TMOFH
P33
P34
P35
P36/AEVH
P37/AEVL
P50/WKP0/SEG1
P51/WKP1/SEG2
P52/WKP2/SEG3
P53/WKP3/SEG4
P54/WKP4/SEG5
P55/WKP5/SEG6
P56/WKP6/SEG7
P57/WKP7/SEG8
PB7/AN7
PB6/AN6
PB5/AN5
PB4/AN4
PB3/AN3/IRQ1/TMIC
PB2/AN2
PB1/AN1
PB0/AN0
V1
V2
V3
IRQAEC
P95
P94
P93
P92
P91/PWM2
P90/PWM1
AVCC
WDT
VSS
VSS = AVSS
VCC
RES
TEST
Note: If the on-chip emulator is used, pins 95,
33, 34, and 35 are reserved for the
emulator and not available to the user.
Figure 1.1(1) Block Diagram (H8/38024 Group, H8/38024R Group, and H8/38024S Group)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com