Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT2232D Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT2232D
Description  Dual USB UART/FIFO I.C.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232D Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT2232D Datasheet HTML 17Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 18Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 19Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 20Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 21Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 22Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 23Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 24Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DS2232D Version 0.91
© Future Technology Devices International Ltd. 2006 Page 21 of 51
FT2232D Dual USB UART / FIFO I.C.
8.2 EEPROM Configuration
Figure 7 illustrates how to connect the FT2232D to the
93C46 (93C56 or 93C66) EEPROM. EECS (pin 48) is directly
connected to the chip select (CS) pin of the EEPROM. EESK
(pin 1) is directly connected to the clock (SK) pin of the
EEPROM. EEDATA (pin 2) is directly connected to the Data
In (Din) pin of the EEPROM. There is a potential condition
whereby both the Data Output (Dout) of the EEPROM can drive
out at the same time as the EEDATA pin of the FT2232D. To
prevent potential data clash in this situation, the Dout of the
EEPROM is connected to EEDATA of the FT2232D via a 2.2K
resistor.
Following a power-on reset or a USB reset, the FT2232D will
scan the EEPROM to find out (a) if an EEPROM is attached to
the Device and (b) if the data in the device is valid. If both of
these are the case, then the FT2232D will use the data in the
EEPROM, otherwise it will use its built-in default values and
configuration. The default port configuration of the FT2232D
puts both Channel A and Channel B into serial UART mode.
When a valid command is issued to the EEPROM from the
FT2232D, the EEPROM will acknowledge the command by
pulling its Dout pin low. In order to check for this condition,
it is necessary to pull Dout high using a 10K resistor. If the
command acknowledge doesn’t happen then EEDATA will be
pulled high by the 10K resistor during this part of the cycle
and the device will detect an invalid command or no EEPROM
present.
2.2K
VCC
EECS
EEDATA
48
FT2232C
EESK
1
2
2
CS
SK
DIN
DOUT
GND
NC
NC
VCC
EEPROM - 93C46 / 56 / 66
1
3
4
5
6
7
8
10K
VCC
Figure 
EEPROM Configuration
There are two varieties of 93C46/56/66 EEPROM’s on the market – one is configured as being 16 bits wide, the other
is configured as being 8 bits wide. These are available from many sources such as Microchip, STMicro, ISSI etc. The
FT2232D requires EEPROM’s with a 16-bit wide configuration such as the Microchip 93LC46B device. The EEPROM
must be capable of reading data at a 1Mb clock rate at a supply voltage of 4.35V to 5.25V. Most available parts are
capable of this. Check the manufacturers data sheet to find out how to connect pins 6 and 7 of the EEPROM. Some
devices specify these as no-connect, others use them for selecting 8 / 16 bit mode or for test functions. Some other
parts have their pinout rotated by 90o so please select the required part and its options carefully.
It is possible to “share” the EEPROM between the FT2232D and another external device such as an MCU. However,
this can only be done when the FT2232D is in its reset condition as it tri-states its EEPROM interface at that time. A
typical configuration would use four bits of an MCU IO Port. One bit would be used to hold the FT2232D reset (using
RESET#) on power-up, the other three would connect to the EECS, EESK and EEDATA pins of the FT2232D in
order to read / write data to the EEPROM at this time. Once the MCU has read / written the EEPROM, it would take
RESET# high to allow the FT2232D to configure itself and enumerate over USB.
The external EEPROM can be programmed over USB using utility software provided by FTDI. The external EEPROM
is used to enable 245 FIFO, and Fast Opto-Isolated Serial interface modes on each channel.
FT2232D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com