Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SS Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F685-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SS Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F685-E/SS Datasheet HTML 75Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 76Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 77Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 78Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 79Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 80Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 81Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 82Page - Microchip Technology PIC16F685-E/SS Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 77
PIC16F631/677/685/687/689/690
4.5.1
RC0/AN4/C2IN+
The RC0 is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• an analog input to Comparator C2
4.5.2
RC1/AN5/C12IN1-
The RC1 is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the ADC
• an analog input to Comparator C1 or C2
FIGURE 4-11:
BLOCK DIAGRAM OF RC0
AND RC1
4.5.3
RC2/AN6/C12IN2-/P1D
The RC2/AN6/P1D(1) is configurable to function as
one of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• a PWM output
• an analog input to Comparator C1 or C2
4.5.4
RC3/AN7/C12IN3-/P1C
The RC3/AN7/P1C(1) is configurable to function as one
of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• a PWM output
• a PWM output
• an analog input to Comparator C1 or C2
FIGURE 4-12:
BLOCK DIAGRAM OF RC2
AND RC3
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter(2)
RD
PORTC
Analog Input
Mode(1)
To Comparators
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
I/O Pin
Note 1: P1D is available on
PIC16F685/PIC16F690 only.
Note 1: P1C is available on
PIC16F685/PIC16F690 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To Comparators
RD
PORTC
Analog Input
Mode(1)
CCP1OUT
CCP1OUT
Enable
Available on PIC16F685/PIC16F690 only.
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
0
1
1
0
I/O Pin
To A/D Converter(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com