Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LR3003
Description  Liquid Silicone Rubber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LR3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LR3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers LR3003 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Version
4.00 / 01-02-06 / pm ELASTOSIL
® LR 3003/60 US
Page 1 / 2
Characteristics
ELASTOSIL
® LR 3003/60 US Liquid Silicone Rubber is
a 60 durometer, commercial grade liquid silicone
rubber designed for liquid injection molding.
Special characteristics
• ELASTOSIL
® LR 3003/60 US was tested according
to the recommendations of the US Pharmacopoeia
and meets the requirements of Class Vl.
• ELASTOSIL
® LR 3003/60 US contains those
ingredients which are suitable for food contact.
Under Title 21 “Food and Drugs” Part 177.2600, “Rubber articles
intended for repeated use.” because this regulation contains
limitations, compliance to the regulation is the responsibility of the
user
Physical Characteristics
• Excellent tensile strength
• Good elongation
• Good tear strength
• Excellent clarity
Processing Characteristics
• Excellent molding qualities
• Excellent pot life after mixing parts A & B
• Consistent quality
ELASTOSIL® LR 3003/60 US
Liquid Silicone Rubber
Product Data
Property*
Test Procedure
Value
Appearance
WSTM 2298
Translucent
Specific Gravity, 25°C
WSTM 1261
1.13
Extrusion Rate Catalyzed, 25°C
g/min **
WSTM 2299
60
Pot Life, hrs, 25°C ***
WSTM 2299
48
Press Cured
Post Cured
5 min/166°C
4 hr/204°C
Hardness, Shore A
WSTM 1110
59
60
Tensile Strength
WSTM 1160
MPa
10.0
10.1
psi
1450
1470
Elongation, %
WSTM 1160
450
400
Tear Strength, die B
WSTM 1160
kN/m
35
33
ppi
200
189
Compression Set, Method B
(22hr/177°C
WSTM 1114
60
15
Shrink, %
WSTM 2316
2.9
3.5
Brittle Point, °C
ASTM D746
NA
-73
* Properties obtained after mixing Part A and Part B in a ratio of 1:1. *
* Extrusion rate obtained at 90 psi and 0.125 inch orifice
** Pot life determined by
time required for extrusion rate to be reduced to 50% of initial value.


Similar Part No. - LR3003

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR300Z SEOUL-LR300Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LR3003

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
84LS-ACAC2-113-N GRAYHILL-84LS-ACAC2-113-N Datasheet
757Kb / 3P
Waterproof Silicone Rubber Easily Customized Legends
84S-AC2-113-N GRAYHILL-84S-AC2-113-N Datasheet
118Kb / 3P
Waterproof Silicone Rubber Easily Customized Legends
logo
List of Unclassifed Man...
LB-SA-1000 ETC2-LB-SA-1000 Datasheet
409Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-1800 ETC2-LB-SA-1800 Datasheet
384Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
P-MUSB-C111-XX AMPHENOL-P-MUSB-C111-XX Datasheet
213Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C411-XX AMPHENOL-P-MUSB-C411-XX Datasheet
119Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-D511-XX AMPHENOL-P-MUSB-D511-XX Datasheet
81Kb / 2P
GASKET - SILICONE RUBBER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com