Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB520 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # LB520
Description  BLUE LAMP LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LB520 Datasheet(HTML) 1 Page - Seoul Semiconductor

  LB520 Datasheet HTML 1Page - Seoul Semiconductor LB520 Datasheet HTML 2Page - Seoul Semiconductor LB520 Datasheet HTML 3Page - Seoul Semiconductor LB520 Datasheet HTML 4Page - Seoul Semiconductor LB520 Datasheet HTML 5Page - Seoul Semiconductor LB520 Datasheet HTML 6Page - Seoul Semiconductor LB520 Datasheet HTML 7Page - Seoul Semiconductor LB520 Datasheet HTML 8Page - Seoul Semiconductor LB520 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
-1-
BLUE LAMP LED
LB520
<070521> Rev. 0.3
서식번호 : QP-7-03-05 (Rev.00)
Technical Datasheet
Lamp LEDs are effective in hot thermal
and humid condition. This high brightness
and weather-resistant packaging design
makes these Lamp LEDs ideal for outdoor
applications such as traffic signals, variable
message signs and backlighting for
transparent sign panels
Features
• High luminous emission
• Non-standoff leads
• 5mm type package
• Transparent epoxy lens
• Viewing angle : 24 º
• Dominant Wavelength : 470nm
Applications
• Electronic signs and signals
• Specialty lighting
• Small area illumination
• Backlighting
• Outdoor displays


Similar Part No. - LB520

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB520 SEOUL-LB520 Datasheet
399Kb / 12P
BLUE LAMP LED
LB520Z SEOUL-LB520Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LB520 SEOUL-LB520_1 Datasheet
399Kb / 12P
BLUE LAMP LED
More results

Similar Description - LB520

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB31D MICRO-ELECTRONICS-MBB31D Datasheet
56Kb / 1P
3mm BLUE LED LAMP
MBB32D MICRO-ELECTRONICS-MBB32D Datasheet
55Kb / 1P
3mm BLUE LED LAMP
MBB51W MICRO-ELECTRONICS-MBB51W Datasheet
56Kb / 1P
5mm BLUE LED LAMP
logo
Seoul Semiconductor
LB370 SEOUL-LB370 Datasheet
343Kb / 10P
BLUE LAMP LED
LB340 SEOUL-LB340 Datasheet
342Kb / 10P
BLUE LAMP LED
LB340 SEOUL-LB340_1 Datasheet
401Kb / 12P
BLUE LAMP LED
LB370 SEOUL-LB370_1 Datasheet
410Kb / 12P
BLUE LAMP LED
LB520 SEOUL-LB520_1 Datasheet
399Kb / 12P
BLUE LAMP LED
logo
Roithner LaserTechnik G...
LED430-33 ROITHNER-LED430-33 Datasheet
224Kb / 1P
blue led lamp
LED830 ROITHNER-LED830 Datasheet
1Mb / 9P
Blue LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com