Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH104 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # WH104
Description  CHIP LED DEVICE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH104 Datasheet(HTML) 2 Page - Seoul Semiconductor

  WH104 Datasheet HTML 1Page - Seoul Semiconductor WH104 Datasheet HTML 2Page - Seoul Semiconductor WH104 Datasheet HTML 3Page - Seoul Semiconductor WH104 Datasheet HTML 4Page - Seoul Semiconductor WH104 Datasheet HTML 5Page - Seoul Semiconductor WH104 Datasheet HTML 6Page - Seoul Semiconductor WH104 Datasheet HTML 7Page - Seoul Semiconductor WH104 Datasheet HTML 8Page - Seoul Semiconductor WH104 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1. Features
Package : 1.6 × 0.8 × 0.4 mm
Color coordinates: X = 0. 29
Y = 0.28
according to CIE 1931
Tape and reel packing
2. Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
70
㎽
Forward Current
IF
20
㎃
Peak Forward Current
IFM
*1
60
㎃
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ 80
℃
Storage Temperature
Tstg
-40 ~ 100
℃
*1 IFM conditions: Pulse width Tw≤ 0.1ms, Duty ratio≤ 1/10
3. Electro-Optical Characteristics
(Ta=25℃)
Characteristics
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=5㎃
-
2.9
-
V
Reverse Current
IR
VR=5V
-
-
10
㎂
Luminous Intensity *2
IV
IF=5㎃
60
mcd
X
IF=5㎃
-
0.29
-
Chromaticity Coordinates *3
Y
IF=5㎃
-
0.28
-
Viewing Angle : Y Direction
Δ 1/2θ
IF=5㎃
-
Y =±80
-
˚
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
*3 The CIE standard colorimetric system
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 2/9 -
SSC-WH104-#
SSC-QP-0401-06(REV.0)
[Note] ( Tolerance : IV
±10%, color coordinate ±0.01, VF ±0.1 )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com