Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7717 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 20Page - Texas Instruments LMP7717 Datasheet HTML 21Page - Texas Instruments LMP7717 Datasheet HTML 22Page - Texas Instruments LMP7717 Datasheet HTML 23Page - Texas Instruments LMP7717 Datasheet HTML 24Page - Texas Instruments LMP7717 Datasheet HTML 25Page - Texas Instruments LMP7717 Datasheet HTML 26Page - Texas Instruments LMP7717 Datasheet HTML 27Page - Texas Instruments LMP7717 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
7.4 Device Functional Modes
7.4.1 Split-Supply Operation (±1.35 V to ±2.7 V)
To facilitate testing with common lab equipment, the OPA838 EVM (see EVM board link) is built to allow split-
supply operation. This configuration eases lab testing because the midpoint between the power rails is ground,
and most signal generators, network analyzers, oscilloscopes, spectrum analyzers, and other lab equipment
have inputs and outputs with a ground reference. This simplifies characterization by removing the requirement
for blocking capacitors.
Figure 7-8 shows a simple noninverting configuration analogous to Figure 7-1 with a ±2.5
‑V supply and VREF
equal to ground. The input and output swing symmetrically around ground. For ease of use, split-supplies are
preferred in systems where signals swing around ground. Using bipolar (or split) supplies shifts the thresholds
for the shutdown control. The disable control is referenced from the negative supply, typically ground, in a
single-supply application. However, to disable using a negative supply requires that the pin is set to within 0.55 V
greater than the negative supply. If disable is not required, connect that pin to the positive supply to maintain
correct operation, even for split-supply applications. Do not float the disable pin; assert the pin to a voltage.
RF 1 NŸ
+
±2.1 VOUT
Ground
Centered
PD
+
±
RG 200 Ÿ
R2 165 Ÿ
V
U1 OPA838
VM1
Input
Signal
VEE
VCC
VEE
VCC
V1 2.5 V
V2 ±2.5 V
+
+
+
±0.35 VIN
20 nsec edge
2 MHz input
Figure 7-8. Split-Supply Operation
Time (nsec)
200
300
400
500
600
700
800
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D068
Input
Output
Figure 7-9. Bipolar-Supply Step Response
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com