Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS00DB Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LS00DB
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS00DB Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS00DB Datasheet HTML 1Page - Texas Instruments SN74LS00DB Datasheet HTML 2Page - Texas Instruments SN74LS00DB Datasheet HTML 3Page - Texas Instruments SN74LS00DB Datasheet HTML 4Page - Texas Instruments SN74LS00DB Datasheet HTML 5Page - Texas Instruments SN74LS00DB Datasheet HTML 6Page - Texas Instruments SN74LS00DB Datasheet HTML 7Page - Texas Instruments SN74LS00DB Datasheet HTML 8Page - Texas Instruments SN74LS00DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
www.ti.com
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
CDIP, CFP, SOIC,
PDIP, SO, SSOP
SO
(SN74xx00)
CFP
(SN5400)
LCCC
3Y
8
—
8
12
O
Gate 3 output
4A
13
—
12
18
I
Gate 4 input
4B
12
—
13
19
I
Gate 4 input
4Y
11
—
14
16
O
Gate 4 output
GND
7
4
11
10
—
Ground
NC
—
—
—
1, 5, 7,
11, 15, 17
—
No connect
VCC
14
8
4
20
—
Power supply
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
(2)
7
V
Input voltage
SNx400 and SNxS400
5.5
V
SNx4LS00
7
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance. ESD
Tested on SN74LS00N package.
6.2 ESD Ratings: SN74LS00
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±2000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
SN54xx00
4.5
5
5.5
V
SN74xx00
4.75
5
5.25
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
SNx400, SN7LS400, and SNx4S00
0.8
V
SN54LS00
0.7
IOH
High-level output current
SN5400, SN54LS00, and SN74LS00
–0.4
mA
SNx4S00
–1
IOL
Low-level output current
SNx400
16
mA
SN5LS400
4
SN7LS400
8
SNx4S00
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com