Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS00D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS00D
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS00D Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS00D Datasheet HTML 1Page - Texas Instruments SN74LS00D Datasheet HTML 2Page - Texas Instruments SN74LS00D Datasheet HTML 3Page - Texas Instruments SN74LS00D Datasheet HTML 4Page - Texas Instruments SN74LS00D Datasheet HTML 5Page - Texas Instruments SN74LS00D Datasheet HTML 6Page - Texas Instruments SN74LS00D Datasheet HTML 7Page - Texas Instruments SN74LS00D Datasheet HTML 8Page - Texas Instruments SN74LS00D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A
B
Y
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
1
1 Features
1
•
Package Options Include:
–
Plastic Small-Outline (D, NS, PS)
–
Shrink Small-Outline (DB)
–
Ceramic Flat (W)
–
Ceramic Chip Carriers (FK)
–
Standard Plastic (N)
–
Ceramic (J)
•
Also Available as Dual 2-Input Positive-NAND
Gate in Small-Outline (PS) Package
•
Inputs Are TTL Compliant; VIH = 2 V and
VIL = 0.8 V
•
Inputs Can Accept 3.3-V or 2.5-V Logic Inputs
•
SN5400, SN54LS00, and SN54S00 are
Characterized For Operation Over the Full Military
Temperature Range of –55ºC to 125ºC
2 Applications
•
AV Receivers
•
Portable Audio Docks
•
Blu-Ray Players
•
Home Theater
•
MP3 Players or Recorders
•
Personal Digital Assistants (PDAs)
3 Description
The SNx4xx00 devices contain four independent,
2-input NAND gates. The devices perform the
Boolean function Y = A .B or Y = A + B in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LS00DB
SSOP (14)
6.20 mm × 5.30 mm
SN7400D,
SN74LS00D,
SN74S00D
SOIC (14)
8.65 mm × 3.91 mm
SN74LS00NSR
PDIP (14)
19.30 × 6.35 mm
SNJ5400J,
SNJ54LS00J,
SNJ54S00J
CDIP (14)
19.56 mm × 6.67 mm
SNJ5400W,
SNJ54LS00W,
SNJ54S00W
CFP (14)
9.21 mm × 5.97 mm
SN54LS00FK,
SN54S00FK
LCCC (20)
8.89 mm × 8.89 mm
SN7400NS,
SN74LS00NS,
SN74S00NS
SO (14)
10.30 mm × 5.30 mm
SN7400PS,
SN74LS00PS
SO (8)
6.20 mm × 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram, Each Gate (Positive Logic)


Similar Part No. - SN74LS00D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS00D MOTOROLA-SN74LS00D Datasheet
46Kb / 2P
QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
SN74LS00D ONSEMI-SN74LS00D Datasheet
75Kb / 4P
Quad 2-Input NAND Gate?
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS00D TI-SN74LS00D Datasheet
195Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LS00D TI-SN74LS00D Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LS00D TI-SN74LS00D Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74LS00D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com