Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8022
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 3 Page - Analog Devices

  AD8022 Datasheet HTML 1Page - Analog Devices AD8022 Datasheet HTML 2Page - Analog Devices AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8022
Rev. C | Page 3 of 16
SPECIFICATIONS
At 25°C, VS = ±12 V, RL = 500 Ω, G = +1, TMIN = –40°C, TMAX = +85°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 50 mV p-p
110
130
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 50 mV p-p
25
MHz
Large Signal Bandwidth1
VOUT = 4 V p-p
4
MHz
Slew Rate
VOUT = 2 V p-p, G = +2
40
50
V/μs
Rise and Fall Time
VOUT = 2 V p-p, G = +2
30
ns
Settling Time 0.1%
VOUT = 2 V p-p
62
ns
Overdrive Recovery Time
VOUT = 150% of max output
voltage, G = +2
200
ns
NOISE/DISTORTION PERFORMANCE
Distortion
VOUT = 2 V p-p
Second Harmonic
fC = 1 MHz
−95
dBc
Third Harmonic
fC = 1 MHz
−100
dBc
Multitone Input Power Ratio2
G = +7 differential
26 kHz to 132 kHz
−67.2
dBc
144 kHz to 1.1 MHz
−66
dBc
Voltage Noise (RTI)
f = 100 kHz
2.5
nV/√Hz
Input Current Noise
f = 100 kHz
1.2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
−1.5
±6
mV
TMIN to TMAX
±7.25
mV
Input Offset Current
±120
nA
Input Bias Current
2.5
5.0
μA
TMIN to TMAX
±7.5
μA
Open-Loop Gain
72
dB
INPUT CHARACTERISTICS
Input Resistance (Differential)
20
kΩ
Input Capacitance
0.7
pF
Input Common-Mode Voltage Range
−11.25 to +11.75
V
Common-Mode Rejection Ratio
VCM = ±3 V
98
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 500 Ω
±10.1
V
RL = 2 kΩ
±10.6
V
Linear Output Current
G = +1, RL = 150 Ω, dc error = 1%
±55
mA
Short-Circuit Output Current
100
mA
Capacitive Load Drive
RS = 0 Ω, <3 dB of peaking
75
pF
POWER SUPPLY
Operating Range
+4.5
±13.0
V
Quiescent Current
4.0
5.5
mA/Amp
TMIN to TMAX
6.1
mA/Amp
Power Supply Rejection Ratio
VS = ±5V to ±12 V
80
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C
1 FPBW = Slew Rate/(2π VPEAK).
2 Multitone testing performed with 800 mV rms across a 500 Ω load at Point A and Point B on the circuit of Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com