Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8022ARMZ
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8022ARMZ Datasheet HTML 8Page - Analog Devices AD8022ARMZ Datasheet HTML 9Page - Analog Devices AD8022ARMZ Datasheet HTML 10Page - Analog Devices AD8022ARMZ Datasheet HTML 11Page - Analog Devices AD8022ARMZ Datasheet HTML 12Page - Analog Devices AD8022ARMZ Datasheet HTML 13Page - Analog Devices AD8022ARMZ Datasheet HTML 14Page - Analog Devices AD8022ARMZ Datasheet HTML 15Page - Analog Devices AD8022ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8022
Data Sheet
Rev. C | Page 12 of 16
THEORY OF OPERATION
The AD8022 is a voltage-feedback op amp designed especially
for ADSL or other applications requiring very low voltage and
current noise along with low supply current, low distortion, and
ease of use.
The AD8022 is fabricated on Analog Devices’ proprietary
eXtra-Fast Complementary Bipolar (XFCB) process, which
enables the construction of PNP and NPN transistors with
similar fTs in the 4 GHz region. The process is dielectrically
isolated to eliminate the parasitic and latch-up problems caused
by junction isolation. These features enable the construction of
high frequency, low distortion amplifiers with low supply
currents.
+VS
–VS
15
Ω
15
Ω
OUTPUT
+IN
–IN
7.5pF
600
μA
Figure 38. Simplified Schematic
As shown in Figure 38, the AD8022 input stage consists of an
NPN differential pair in which each transistor operates a
300 μA collector current. This gives the input devices a high
transconductance and therefore gives the AD8022 a low input
noise of 2.5 nV/√Hz @ 100 kHz. The input stage drives a folded
cascode that consists of a pair of PNP transistors. These PNPs
then drive a current mirror that provides a differential input to
single-ended output conversion. The output stage provides a
high current gain of 10,000 so that the AD8022 can maintain a
high dc open-loop gain, even into low load impedances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com