Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet(PDF) 4 Page - Analog Devices

Part # OP285
Description  Dual 9 MHz Precision Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285 Datasheet(HTML) 4 Page - Analog Devices

  OP285 Datasheet HTML 1Page - Analog Devices OP285 Datasheet HTML 2Page - Analog Devices OP285 Datasheet HTML 3Page - Analog Devices OP285 Datasheet HTML 4Page - Analog Devices OP285 Datasheet HTML 5Page - Analog Devices OP285 Datasheet HTML 6Page - Analog Devices OP285 Datasheet HTML 7Page - Analog Devices OP285 Datasheet HTML 8Page - Analog Devices OP285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV. C
OP285
–4–
25
–25
–10
–20
–15
5
–5
0
10
15
20
SUPPLY VOLTAGE – V
+VOM
–VOM
0
5
10
15
20
25
TA = 25 C
RL = 2k
TPC 1. Output Voltage Swing vs.
Supply Voltage
50
20
35
25
30
45
40
–SR
+SR
100
–25
–50
75
50
25
0
TEMPERATURE – C
VS = 15V
RL = 2k
VS = 15V
RL = 2k
TPC 4. Slew Rate vs. Temperature
120
100
60
0
1k
10k
100k
1M
10M
40
20
80
100
FREQUENCY – Hz
VS = 15V
TA = 25 C
TPC 7. Common-Mode Rejection
vs. Frequency
1500
0
100
750
250
–25
500
–50
1250
1000
75
50
25
0
TEMPERATURE – C
VS = 15V
VO = 10V
+GAIN
RL = 2k
–GAIN
RL = 2k
–GAIN
RL = 600
+GAIN
RL = 600
TPC 2. Open-Loop Gain
vs. Temperature
50
1k
10
–30
10k
100k
1M
10M
100M
20
30
40
–20
–10
0
FREQUENCY – Hz
VS = 15V
TA = +25 C
AVCL = +100
AVCL = +10
AVCL = +1
TPC 5. Closed-Loop Gain
vs. Frequency
120
10
60
0
100
1k
10k
100k
1M
40
20
80
100
+PSRR
–PSRR
FREQUENCY – Hz
VS = 15V
TA = 25 C
TPC 8. Power Supply Rejection
vs. Frequency
30
0
1.0
15
5
10
0
25
20
0.8
0.6
0.4
0.2
DIFFERENTIAL INPUT VOLTAGE – V
–SR
+SR
VS = 15V
RL = 2k
TPC 3. Slew Rate vs. Differential
Input Voltage
60
100
30
0
1k
10k
100k
1M
10M
20
10
40
50
FREQUENCY – Hz
AVCL = +1
AVCL = +100
AVCL = +10
VS = 15V
TA = 25 C
TPC 6. Closed-Loop Output Imped
ance vs. Frequency
100
1k
20
–60
10k
100k
1M
10M
100M
40
60
80
–40
–20
0
0
45
90
135
180
225
270
PHASE
GAIN
FREQUENCY – Hz
VS = 15V
RL = 2k
TA = 25 C
0N = 58
TPC 9. Open-Loop Gain, Phase
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com