Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP297FS Datasheet(PDF) 11 Page - Analog Devices

Part # OP297FS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP297FS Datasheet HTML 7Page - Analog Devices OP297FS Datasheet HTML 8Page - Analog Devices OP297FS Datasheet HTML 9Page - Analog Devices OP297FS Datasheet HTML 10Page - Analog Devices OP297FS Datasheet HTML 11Page - Analog Devices OP297FS Datasheet HTML 12Page - Analog Devices OP297FS Datasheet HTML 13Page - Analog Devices OP297FS Datasheet HTML 14Page - Analog Devices OP297FS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP297
Rev. G | Page 11 of 16
APPLICATION CIRCUITS
PRECISION ABSOLUTE VALUE AMPLIFIER
The circuit in Figure 31 is a precision absolute value amplifier
with an input impedance of 30 MΩ. The high gain and low
TCVOS of the OP297 ensure accurate operation with microvolt
input signals. In this circuit, the input always appears as a
common-mode signal to the op amps. The CMR of the OP297
exceeds 120 dB, yielding an error of less than 2 ppm.
+15V
–15V
5
6
7
1
3
4
–
+
1/2
OP297
–
+
1/2
OP297
2
8
R1
1kΩ
R3
1kΩ
D1
1N4148
D2
1N4148
R2
2kΩ
0V < VOUT < 10V
C1
30pF
C2
0.1µF
C3
0.1µF
VIN
Figure 31. Precision Absolute Value Amplifier
PRECISION CURRENT PUMP
Maximum output current of the precision current pump shown
in Figure 32 is ±10 mA. Voltage compliance is ±10 V with
±15 V supplies. Output impedance of the current transmitter
exceeds 3 MΩ with linearity better than 16 bits. R1 through R4
should be matched resistors.
+15V
5
6
7
1
2
8
3
–15V
–
+
1/2
OP297
1/2
OP297
R1
10kΩ
R2
10kΩ
VIN
R3
10kΩ
R4
10kΩ
R5
100kΩ
IOUT
10mA MAX
IOUT =
=
= 10mA/V
VIN
R5
VIN
100Ω
Figure 32. Precision Current Pump
PRECISION POSITIVE PEAK DETECTOR
In Figure 33, the CH must be of polystyrene, Teflon®, or
polyethylene to minimize dielectric absorption and leakage.
The droop rate is determined by the size of CH and the bias
current of the OP297.
2N930
+15V
1N4148
RESET
VIN
5
6
7
1
3
–15V
–
+
1/2
OP297
–
+
1/2
OP297
2
1kΩ
1kΩ
1kΩ
1kΩ
CH
0.1µF
0.1µF
VOUT
Figure 33. Precision Positive Peak Detector
SIMPLE BRIDGE CONDITIONING AMPLIFIER
Figure 34 shows a simple bridge conditioning amplifier using
the OP297. The transfer function is
R
R
R
R
R
V
V
F
REF
OUT
⎟
⎠
⎞
⎜
⎝
⎛
Δ
+
Δ
=
The REF43 provides an accurate and stable reference voltage for
the bridge. To maintain the highest circuit accuracy, RF should
be 0.1% or better with a low temperature coefficient.
15V
3
2
1
5
6
7
4
8
REF43
4
–
+
1/2
OP297
–
+
1/2
OP297
VREF
RF
R + ΔR
VOUT
VOUT = VREF
ΔR
R + ΔR
RF
R
Figure 34. Simple Bridge Condition Amplifier Using the OP297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com