Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97 Datasheet(PDF) 14 Page - Analog Devices

Part # OP97
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices OP97 Datasheet HTML 11Page - Analog Devices OP97 Datasheet HTML 12Page - Analog Devices OP97 Datasheet HTML 13Page - Analog Devices OP97 Datasheet HTML 14Page - Analog Devices OP97 Datasheet HTML 15Page - Analog Devices OP97 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP97
Rev. G | Page 14 of 16
The digitally programmable gain amplifier shown in Figure 38
has 12-bit gain resolution with 10-bit gain linearity over the
range of −1 to −1024. The low bias current of the OP97 main-
tains this linearity, while C1 limits the noise voltage bandwidth,
allowing accurate measurement down to microvolt levels.
Table 5
.
DIGITAL IN
GAIN (Av)
4095
−1.00024
2048
−2
1024
−4
512
−8
256
−16
128
−32
64
−64
32
−128
16
−256
8
−512
4
−1024
2
−2048
1
−4096
0
Open Loop
Many high speed amplifiers suffer from less-than-perfect low
frequency performance. A combination amplifier consisting of
a high precision, slow device like the OP97 and a faster device such
as the AD8610 results in uniformly accurate performance from
dc to the high frequency limit of the AD8610, which has a gain-
bandwidth product of 25 MHz. The circuit shown in Figure 39
accomplishes this, with the AD8610 providing high frequency
amplification and the OP97 operating on low frequency signals
and providing offset correction. Offset voltage and drift of the
circuit are controlled by the OP97.
VOUT
2
3
6
AD7541A
IOUT2
IOUT1
RFB
VREF
18
1
2
3
17
16
+15V
–15V
0.1µF
0.1µF
C1
220pF
VIN
±2.5mV TO ±10V
RANGE DEPENDING
ON GAIN SETTING
+15V
OP97
0.1µF
Figure 38. Precision Programmable Gain Amplifier
2
3
6
2
3
6
5pF
VOUT
AD8610
OP97
0.1µF
0.1µF
10kΩ
10kΩ
1µF
R1
2kΩ
R2
20kΩ
VIN
5
AV = –
R2
R1
Figure 39. Combination High Speed, Precision Amplifier
100
90
10
0%
1V
5V
2µs
Figure 40. Combination Amplifier Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com