Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR621 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # LR621
Description  RED OVAL LAMP LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR621 Datasheet(HTML) 1 Page - Seoul Semiconductor

  LR621 Datasheet HTML 1Page - Seoul Semiconductor LR621 Datasheet HTML 2Page - Seoul Semiconductor LR621 Datasheet HTML 3Page - Seoul Semiconductor LR621 Datasheet HTML 4Page - Seoul Semiconductor LR621 Datasheet HTML 5Page - Seoul Semiconductor LR621 Datasheet HTML 6Page - Seoul Semiconductor LR621 Datasheet HTML 7Page - Seoul Semiconductor LR621 Datasheet HTML 8Page - Seoul Semiconductor LR621 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
-1-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LR770D
LR770D
PART NO.
RED OVAL LAMP LED
MODEL
SPECIFICATIONS
SPECIFICATIONS
[Contents]
1.
Devices --------------------------------------------------
2.
Outline Dimensions -----------------------------------
3.
Absolute Maximum Ratings -------------------------
4.
Electro-Optical Characteristics ----------------------
5.
Reliability Tests ----------------------------------------
6.
Characteristic Diagrams ------------------------------
7.
Bin Code Description ---------------------------------
8.
Packing --------------------------------------------------
9.
Soldering Profile ---------------------------------------
10.
Reference ------------------------------------------------
11.
Precaution For Use -------------------------------------
2
2
3
4
5
6
8
9
12
13
14


Similar Part No. - LR621

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR621 SEOUL-LR621 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR621 SEOUL-LR621 Datasheet
360Kb / 13P
CYAN LAMP LED
LR621 SEOUL-LR621 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR621 SEOUL-LR621 Datasheet
378Kb / 14P
RED LAMP LED
LR621 SEOUL-LR621 Datasheet
285Kb / 13P
Infrared LAMP LED
More results

Similar Description - LR621

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB2310TK-5B MICRO-ELECTRONICS-MSB2310TK-5B Datasheet
43Kb / 1P
5MM OVAL TYPE HIGH BRIGHTNESS RED LED LAMP
logo
OPTEK Technologies
OVLHRKD8 OPTEK-OVLHRKD8 Datasheet
604Kb / 3P
Oval Red LED Lamp (5 mm)
10/05
OVLJRGD8 OPTEK-OVLJRGD8 Datasheet
649Kb / 4P
Oval Red LED Lamp (4mm)
5/26
OVLKQGT6 OPTEK-OVLKQGT6 Datasheet
764Kb / 4P
Oval Red-Orange LED Lamp (3mm)
5/26
logo
Seoul Semiconductor
LR770D SEOUL-LR770D Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR700D SEOUL-LR700D_1 Datasheet
272Kb / 12P
RED OVAL LAMP LED
LR770D SEOUL-LR770D_1 Datasheet
267Kb / 12P
RED OVAL LAMP LED
logo
TT Electronics.
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
Oval Red LED Lamp (5mm)
OVLJRGD8 TTELEC-OVLJRGD8 Datasheet
650Kb / 4P
Oval Red LED Lamp (4mm)
OVLKQGT6 TTELEC-OVLKQGT6 Datasheet
546Kb / 4P
Oval Red-Orange LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com