Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS16 Datasheet(PDF) 1 Page - Alpha Wire

Part # PMS16
Description  ROHS CERTIFICATE OF COMPLIANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PMS16 Datasheet(HTML) 1 Page - Alpha Wire

  PMS16 Datasheet HTML 1Page - Alpha Wire PMS16 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. PMS 16
Construction
1) Size
M-16x1.5
2) Clamping Range (In)
-
3) Clamping Range (mm)
5-10
4) Thread Length (In)
-
5) Thread Length (mm)
10
6) Color
Slate
6) Packing Unit
10
www.alphawire.com
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and
specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express,
statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary) whatsoever, even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence
or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
ALPHA WIRE - CONFIDENTIAL AND PROPRIETARY Notice to persons receiving this document and/or technical information. This document
is confidential and is the exclusive property of ALPHA WIRE, and is merely on loan and subject to recall by ALPHA WIRE at any time. By
taking possession of this document, the recipient acknowledges and agrees that this document cannot be used in any manner adverse to
the interests of ALPHA WIRE, and that no portion of this document may be copied or otherwise reproduced without the prior written
consent of ALPHA WIRE. In the case of conflicting contractual provisions, this notice shall govern the status of this document. <br /><br />
©2019 ALPHA WIRE - all rights reserved.


Similar Part No. - PMS16

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS164 PADAUK-PMS164 Datasheet
1Mb / 74P
12 Touch Keys OTP Controller
PMS164-2N06 PADAUK-PMS164-2N06 Datasheet
1Mb / 74P
12 Touch Keys OTP Controller
PMS164-2N08 PADAUK-PMS164-2N08 Datasheet
1Mb / 74P
12 Touch Keys OTP Controller
PMS164-EY10B PADAUK-PMS164-EY10B Datasheet
1Mb / 74P
12 Touch Keys OTP Controller
PMS164-S08A PADAUK-PMS164-S08A Datasheet
1Mb / 74P
12 Touch Keys OTP Controller
More results

Similar Description - PMS16

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53623-1074 MOLEX11-53623-1074 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
87203-6366 MOLEX11-87203-6366 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1301790387 MOLEX11-1301790387 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1064152005 MOLEX11-1064152005 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152007 MOLEX11-1064152007 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152010 MOLEX11-1064152010 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152015 MOLEX11-1064152015 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152020 MOLEX11-1064152020 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152025 MOLEX11-1064152025 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152100 MOLEX11-1064152100 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com