Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM231 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # LM231
Description  CYAN LAMP LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM231 Datasheet(HTML) 1 Page - Seoul Semiconductor

  LM231 Datasheet HTML 1Page - Seoul Semiconductor LM231 Datasheet HTML 2Page - Seoul Semiconductor LM231 Datasheet HTML 3Page - Seoul Semiconductor LM231 Datasheet HTML 4Page - Seoul Semiconductor LM231 Datasheet HTML 5Page - Seoul Semiconductor LM231 Datasheet HTML 6Page - Seoul Semiconductor LM231 Datasheet HTML 7Page - Seoul Semiconductor LM231 Datasheet HTML 8Page - Seoul Semiconductor LM231 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
-1-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<050201> Rev. 0.0
LC531
Preliminary
LC531
PART NO.
CYAN LAMP LED
MODEL
SPECIFICATIONS
SPECIFICATIONS
[Contents]
1.
Devices --------------------------------------------------
2.
Outline Dimensions -----------------------------------
3.
Absolute Maximum Ratings -------------------------
4.
Electro-Optical Characteristics ----------------------
5.
Reliability Tests ----------------------------------------
6.
Characteristic Diagrams ------------------------------
7.
Packing --------------------------------------------------
8.
Soldering Profile ---------------------------------------
9.
Reference ------------------------------------------------
10.
Precaution For Use -------------------------------------
2
2
3
4
5
6
8
11
12
13


Similar Part No. - LM231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231 NSC-LM231 Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM231 SEOUL-LM231 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM231 SEOUL-LM231 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM231 SEOUL-LM231 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM231

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
CYAN LAMP LED
logo
OptoSupply Internationa...
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Cyan LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cyan LED
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
Xeon 3 Power Cyan LED
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
5x5x1.3mm Tops 1 Power Cyan LED
OSG3XAT3C1E OPTOSUPPLY-OSG3XAT3C1E Datasheet
107Kb / 1P
5x5x1.3mm Tops 3 Power Cyan LED
OSC34L3131A OPTOSUPPLY-OSC34L3131A Datasheet
89Kb / 1P
3mm Round Cyan LED
OSC34L5111A OPTOSUPPLY-OSC34L5111A Datasheet
89Kb / 1P
5mm Round Cyan LED
OSC34LS1C1A OPTOSUPPLY-OSC34LS1C1A Datasheet
91Kb / 1P
3.5x2.8x1.9mm Cyan SMD LED
logo
Lite-On Technology Corp...
LOPL-E011C LITEON-LOPL-E011C Datasheet
188Kb / 12P
1W Cyan Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com