Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH201 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # WH201
Description  CHIP LED DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH201 Datasheet(HTML) 6 Page - Seoul Semiconductor

  WH201 Datasheet HTML 1Page - Seoul Semiconductor WH201 Datasheet HTML 2Page - Seoul Semiconductor WH201 Datasheet HTML 3Page - Seoul Semiconductor WH201 Datasheet HTML 4Page - Seoul Semiconductor WH201 Datasheet HTML 5Page - Seoul Semiconductor WH201 Datasheet HTML 6Page - Seoul Semiconductor WH201 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8. Reel Packing Structure
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 6/7 -
WH201
SSC-QP-0401-06(REV.0)
Outer Box
b
c
TYPE
a
245
CHIP LED
a
CHIP LED
b
c
7inch
142
220
SSC PART NUMBER : SSC-WH201***
*Material: Paper(SW3B(B))
SIZE(mm)
Reel
Aluminum Vinyl Bag
QUANTITY : 3,000
PO NUMBER : ########
LOT NUMBER : ##########
PART NO. : ##########
SSC PART NUMBER : SSC-WH201***
PART NO. : ##########
PO NUMBER : ########
QUANTITY : 3,000
LOT NUMBER : ##########



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com