Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH-TL-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS3003CH-TL-E
Description  Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS3003CH-TL-E Datasheet(HTML) 2 Page - ON Semiconductor

  SS3003CH-TL-E Datasheet HTML 1Page - ON Semiconductor SS3003CH-TL-E Datasheet HTML 2Page - ON Semiconductor SS3003CH-TL-E Datasheet HTML 3Page - ON Semiconductor SS3003CH-TL-E Datasheet HTML 4Page - ON Semiconductor SS3003CH-TL-E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS3003CH
www.onsemi.com
2
Figure 1. trr Test Circuit
Duty ≤ 10%
10 ms
50 W
100 W
10 W
trr
−5 V
TYPICAL PERFORMANCE CHARACTERISTICS
0
0. 1
0 .2
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0. 6
0. 3
0 .4
0. 5
Figure 2. IF − VF
VF, Forward Voltage (V)
Figure 3. IR − VR
Figure 4. PF(AV) − IO
Figure 5. PR(AV) − VR
VR, Reverse Voltage (V)
IO, Average Output Current (A)
Ta = 125°C
100°C
10
0
35
0.1
1.0
10
100
1k
10k
100k
1000k
20
15
25
530
75°C
50°C
25°C
0°C
−25°C
Ta = 125°C
100°C
75°C
50°C
25°C
0°C
−25°C
(2)
(3)
(1)
0
0
0.5
1.8
1.6
1.4
0.2
0.4
0.6
0.8
1.0
1.2
3.5
2.5
3.0
2.0
1.0
1.5
(4)
180°
360°
Sine wave
q
360°
Rectangular
wave
(1)Rectangular wave q= 60°
(2)Rectangular wave q = 120°
(3)Rectangular wave q = 180°
(4)Sine wave q = 180°
0
0
0.004
0.008
0.012
10
5
0.016
0.002
0.006
0.010
0.014
20
15
30
25
35
(1)
(2)
(3)
(4)
(1)Rectangular wave q = 300°
(2)Rectangular wave q = 240°
(3)Rectangular wave q = 180°
(4)Sine wave q = 180°
Rectangular
wave
Sine wave
q
360°
180°
360°
VR, Average Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com