Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201AMDRLR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS92201AMDRLR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRLR Datasheet(HTML) 3 Page - Texas Instruments

  TPS92201AMDRLR Datasheet HTML 1Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 2Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 3Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Pin Configuration and Functions
2
EN
3
VIN
6
FB
5
GND
4
SW
PWM
GND
1
Figure 5-1. DRV Package 6-Pin WSON Top View
2
EN
3
VIN
6
FB
5
GND
4
SW
PWM
1
Figure 5-2. DRL Package 6-Pin SOT563 Top View
PIN NUMBER
I/O/PWR
DESCRIPTION
NAME
DRV
DRL
PWM
1
6
I
PWM input. LED output current is adjusted according to the PWM input duty cycle.
EN
2
5
I
Device enable input. Logic high enables the device, logic low disables the device and
turns the device into shutdown. Do not leave floating.
VIN
3
4
PWR
Power supply input.
SW
4
3
PWR
Switch pin. Connecting the internal FET switches and inductor terminal.
GND
5
2
PWR
Power ground.
FB
6
1
I
Feedback pin for the internal control loop. Connect this pin to an external resistor to
set output current.
www.ti.com
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com