Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2175/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2175/1
Description  ROHS CERTIFICATE OF COMPLIANCE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2175/1 Datasheet(HTML) 1 Page - Alpha Wire

  2175/1 Datasheet HTML 1Page - Alpha Wire 2175/1 Datasheet HTML 2Page - Alpha Wire 2175/1 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 2175/1
Construction
1) Conductor
a) Material
Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding
Solid
c) Diameter
0.010"
2) Braid Data
a) Nominal ID
21/32" (.656)
b) AWG of Ends
30
c) Number of Carriers
48
d) Nominal Percent Coverage
99
e) Total Number of Ends
768
f) Approx. Equiv. AWG
1
g) Approx. Ampacity
190 Amps
h) Federal Spec Number
AA59569R30T0656
Applicable Specifications
1) DSCC CID A-A-59569A
Environmental


Similar Part No. - 2175/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2175 ALPHAWIRE-2175 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
logo
Abbatron All Rights Res...
2175 ABBATRON-2175 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
217500 LITTELFUSE-217500 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Molex Electronics Ltd.
217500 MOLEX-217500 Datasheet
659Kb / 3P
Pre-Crimped Leads
2022.07 Rev. 13
217500 MOLEX11-217500 Datasheet
659Kb / 3P
Pre-Crimped Leads
Rev. 13
More results

Similar Description - 2175/1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53623-1074 MOLEX11-53623-1074 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
87203-6366 MOLEX11-87203-6366 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1301790387 MOLEX11-1301790387 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1064152005 MOLEX11-1064152005 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152007 MOLEX11-1064152007 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152010 MOLEX11-1064152010 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152015 MOLEX11-1064152015 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152020 MOLEX11-1064152020 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152025 MOLEX11-1064152025 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152100 MOLEX11-1064152100 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com