Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT0013 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XT0013
Description  Excellent THD performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XT0013 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XT0013 Datasheet HTML 1Page - List of Unclassifed Manufacturers XT0013 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer For Globespan
PREMO S.A.
Conchita Supervia, 13 • 08028 BARCELONA (SPAIN)
Tel. 34 93 339 81 00 • Fax 34 93 330 75 02
URL: http://www.premo.es
BAT009 (10/2000) Rev. C
e-mail: sales@premo.es
e-mail: tech@premo.es
] For use with Globespan EL-1510
] Designed to meet IR 235°C peak requirement
] Excellent THD performance
] Small EP13 Package in SMD and THT Type
SPECIFICATIONS
Part
Number
Application
Turn Ratio
(2%)
OCL
@ 10 KHz, 0.1V
Leakage Inductance
@ 10 KHz, 0.1 V
Longitudinal Balance
(from 20 KHz to 250 KHz)
XT0013
XT5013
CO
1:1.4
(1-5):(10-6)
474µH(±5%)
(10-6), 7-9 shorted
15 µH MAX
(10-6), 1-2-4-5 shorted
-55 dB MIN
XT5002
1:1(1-5):(10-6)
XT5002
CPE
1:1(1-4):(10-7)
407.5µH(±6%)
10 µH MAX
-55 dB MIN
SPECIFICATIONS CONTINUE
Part
Number
THD
DCR
(1-5), 2-4 shorted
Isolation Voltage
(Vrms)
Insertion Loss
(@ 300 KHz)
Package
XT0013
SMD
XT5013
-80 dB MIN
@ 100 KHz, 15Vac
2.1
Ω MAX
1500
0.5 dB MAX
THT
XT0002
SMD
XT5002
-85 dB MIN
@ 100 KHz, 5.3Vrms
1.0
Ω MAX
1500
0.5 dB MAX
THT
SCHEMATIC XT0013 / XT5013 / XT0002
SCHEMATIC XT5002


Similar Part No. - XT0013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XT0010 ETC2-XT0010 Datasheet
182Kb / 2P
ADSL Transformer For Conexant
XT0012 ETC2-XT0012 Datasheet
201Kb / 2P
Designed to meet IR 235째C peak requirement ADSL Transformer For Fujitsu
XT0014 ETC2-XT0014 Datasheet
208Kb / 2P
ADSL Transformer in Small Package
XT0015 ETC2-XT0015 Datasheet
208Kb / 2P
ADSL Transformer in Small Package
XT0016 ETC2-XT0016 Datasheet
207Kb / 2P
ADSL Transformer For Motorola
More results

Similar Description - XT0013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
Low THD, High Performance LED Driver
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
Excellent Performance
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
excellent temperature performance
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
Excellent performance
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
Excellent thermal performance
logo
STMicroelectronics
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
Excellent switching performance
11-Apr-2014
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
Excellent switching performance
July 2013 Rev 1
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
Excellent switching performance
08-Aug-2013
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
Excellent switching performance
09-Nov-2012
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
Excellent switching performance
17-Jul-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com