Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW50 Datasheet(PDF) 1 Page - Alpha Wire

Part # SW50
Description  RoHS-Compliant Commencing With 10/1/2004 Production
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW50 Datasheet(HTML) 1 Page - Alpha Wire

  SW50 Datasheet HTML 1Page - Alpha Wire SW50 Datasheet HTML 2Page - Alpha Wire SW50 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. SW50
Construction
Product
Spiral Wrap Tubing
Material
Polyvinylchloride
Color
Black
Flamability
Self Extinguishing
Dimensions:
Outside Diameter
0.125" +/- 0.020"
Inside Diameter
0.061", Nominal
Wall Thickness
0.032", Nominal
Pitch
0.187",Nominal
Pitch Direction
Right Hand
Environmental
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with EU Directive 2011/65/EU
regarding the restriction of use of certain hazardous substances in electrical and electronic
equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the substances listed on the 2010 European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.
Properties
Temperature Rating
-20 to +80C
Tensile Strength
3000 PSI


Similar Part No. - SW50

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
How to Use This Catalog
SW50-4G AAVID-SW50-4G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
SW50-4G AAVID-SW50-4G Datasheet
8Mb / 116P
How to Use This Catalog
logo
Xian Semipower Electron...
SW50CPF06 SEMIPOWER-SW50CPF06 Datasheet
626Kb / 4P
DIODE
More results

Similar Description - SW50

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com