Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD75 Datasheet(PDF) 4 Page - ECM Electronics Limited.

Part # CD75
Description  Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CD75 Datasheet(HTML) 4 Page - ECM Electronics Limited.

  CD75 Datasheet HTML 1Page - ECM Electronics Limited. CD75 Datasheet HTML 2Page - ECM Electronics Limited. CD75 Datasheet HTML 3Page - ECM Electronics Limited. CD75 Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω)
IDC
IN
(A)
CD104 Series
CD104-100
10 @2.52 MHz
M
0.05
2.38
CD104-150
15 @2.52 MHz
M
0.07
1.87
CD104-180
18 @2.52 MHz
M
0.08
1.73
CD104-220
22 @2.52 MHz
M
0.09
1.60
CD104-330
33 @2.52 MHz
M
0.12
1.26
CD104-390
39 @2.52 MHz
M
0.15
1.20
CD104-470
47 @2.52 MHz
M
0.17
1.10
CD104-560
56 @2.52 MHz
K
0.20
1.01
CD104-680
68 @2.52 MHz
K
0.22
0.91
CD104-820
82 @2.52 MHz
K
0.25
0.85
CD104-101
100 @1.0 kHz
K
0.34
0.74
CD104-121
120 @1.0 kHz
K
0.40
0.69
CD104-151
150 @1.0 kHz
K
0.55
0.61
CD104-181
180 @1.0 kHz
K
0.62
0.56
CD104-221
220 @1.0 kHz
K
0.72
0.53
CD104-271
270 @1.0 kHz
K
0.95
0.45
CD104-331
330 @1.0 kHz
K
1.10
0.42
CD104-471
330 @1.0 kHz
K
1.53
0.35
CD104-561
330 @1.0 kHz
K
1.90
0.32
CD105 Series
CD105-100
10 @2.52 MHz
M
0.06
2.60
CD105-120
12 @2.52 MHz
M
0.07
2.45
CD105-150
15 @2.52 MHz
M
0.08
2.27
CD105-180
18 @2.52 MHz
M
0.09
2.15
CD105-220
22 @2.52 MHz
M
0.10
1.95
CD105-270
27 @2.52 MHz
M
0.11
1.76
CD105-330
33 @2.52 MHz
M
0.12
1.50
CD105-390
39 @2.52 MHz
M
0.14
1.37
CD105-470
47 @2.52 MHz
K
0.17
1.28
CD105-560
56 @2.52 MHz
K
0.19
1.17
CD105-680
68 @2.52 MHz
K
0.22
1.11
CD105-820
82 @2.52 MHz
K
0.25
1.00
CD105-101
100 @1.0 kHz
K
0.35
0.97
CD105-121
120 @1.0 kHz
K
0.40
0.89
CD105-151
150 @1.0 kHz
K
0.47
0.78
CD105-181
180 @1.0 kHz
K
0.63
0.72
CD105-221
220 @1.0 kHz
K
0.73
0.66
CD105-271
270 @1.0 kHz
K
0.97
0.57
CD105-331
330 @1.0 kHz
K
1.15
0.52
CD105-391
390 @1.0 kHz
K
1.30
0.48
CD105-471
470 @1.0 kHz
K
1.48
0.42
CD105-561
560 @1.0 kHz
K
1.90
0.33
CD105-681
680 @1.0 kHz
K
2.25
0.28
CD105-821
820 @1.0 kHz
K
2.25
0.24
TOLERANCE; K=10%, M=20%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com