Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC75C Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # EC75C
Description  Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC75C Datasheet(HTML) 1 Page - ECM Electronics Limited.

  EC75C Datasheet HTML 1Page - ECM Electronics Limited. EC75C Datasheet HTML 2Page - ECM Electronics Limited. EC75C Datasheet HTML 3Page - ECM Electronics Limited. EC75C Datasheet HTML 4Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
§ Small PCB Area
§ Low 3.0mm Height Option
§ Up to 3 Amp
§ Low Cost
§ Typical Reel Size 1000pcs
EC63/73/75 Series
COMPONENT OUTLINE
Fig.1
Fig.2
(1 = EC73F/75F Type, 2 = EC63C/73C/75C Type)
The EC63/73/75 surface mount inductors comes in three package sizes with a hight profile as low as
3.0mm. The EC75C (shown above) is ferrite shieled, as is both the EC73C and EC63C. The EC73F and
EC75F are open construction. The whole range offers excellent Isat characteristics for their given size
along with excellent temperature endurance.
Suitable applications include power supplies for VTR,OA equipment, LCD display, and DC/DC converters.
DIMENSIONS (mm)
ECM Type
Inductance Range
Outline
(Fig.)
A
(mm)
B
C
D
E
EC73F
1.0uH~100uH
1
7.4
7.4
3.5
2.1
5.4
EC75F
1.0uH~470uH
1
7.4
7.4
5.5
2.1
5.4
EC63C
10.0uH~330uH
2
6.2
6.2
3.0
1.9
3.0
EC73C
1.0uH~100uH
2
7.4
7.4
3.5
2.1
5.4
EC75C
1.0uH~560uH
2
7.4
7.4
5.5
2.1
5.4


Similar Part No. - EC75C

ManufacturerPart #DatasheetDescription
logo
EPCOS
EC75X EPCOS-EC75X Datasheet
86Kb / 4P
Standard size
More results

Similar Description - EC75C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com