Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM45T Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECM45T
Description  SMD Chip Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECM45T Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECM45T Datasheet HTML 1Page - ECM Electronics Limited. ECM45T Datasheet HTML 2Page - ECM Electronics Limited. ECM45T Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECM 1812 SMD Chip Inductor
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM45T Series
COMPONENT OUTLINE
§ Standard EIA 1812 package
§ Wire-wound Construction
§ Ferrite Core
§ Fully Encapsulated
§ Up to 1.0mH +/-10%
§ Typical Reel Size 500pcs
The ECM45T range of chip coils offer uniquely high quality of operation, with excellent mechanical and
electrical characteristics including solvent resistance conforming to MIL202E specifications. The ferrite
core is totally enclosed within the resin body of the component. This popular EIA 1812 package offers
excellent workability as well as reliability making it suitable for a diverse range of applications including,
Automotive security, Modems, and Low Band UHF Filter applications.
DIMENSIONS (mm)
A
B
C
D
E
F
4.50
3.20
3.20
1.80
2.20
1.50


Similar Part No. - ECM45T

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECM45CT ECM-ECM45CT Datasheet
71Kb / 2P
SMD Chip Inductor
ECM45CT-100 ECM-ECM45CT-100 Datasheet
71Kb / 2P
SMD Chip Inductor
ECM45CT-101 ECM-ECM45CT-101 Datasheet
71Kb / 2P
SMD Chip Inductor
ECM45CT-120 ECM-ECM45CT-120 Datasheet
71Kb / 2P
SMD Chip Inductor
ECM45CT-121 ECM-ECM45CT-121 Datasheet
71Kb / 2P
SMD Chip Inductor
More results

Similar Description - ECM45T

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECM25T ECM-ECM25T Datasheet
64Kb / 3P
SMD Chip Inductor
ECM32T ECM-ECM32T Datasheet
70Kb / 3P
SMD Chip Inductor
ECM45CT ECM-ECM45CT Datasheet
71Kb / 2P
SMD Chip Inductor
ECM56T ECM-ECM56T Datasheet
131Kb / 3P
SMD Chip Inductor
ECM63T ECM-ECM63T Datasheet
122Kb / 2P
SMD Chip Inductor
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
logo
Abracon Corporation
AISM-1812H ABRACON-AISM-1812H Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com