Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT396 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECT396
Description  Surface Mount TCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECT396 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECT396 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount TCXO
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary. Issue 1
§ Low Profile
§ Low Current Consumption
§ Excellent Stability
§ 3V Supply
§ Custom options available
Parameter
ECT396
Frequency Range
9.60 to 27.0Mhz
Specify
Temperature
Stability
+/-2.5ppm -30
0 to +75oC (C)
Storage Temp
-30
0 to +80oC
Stability vs Supply
+/-0.3ppm
Supply Voltage
+3V (W) +5V (X)
Specify
Supply Current
2.0mA
Output Level
0.7V p-p (min) Vcc 3V
1.0V p-p (min) Vcc5V
Output Waveform
DC Cut Clipped Sine
Output Load
10K
Ω//10pF
Aging
+/-1ppm / yr
Trim Range
+/-3ppm Internal Trimmer
Environmental & Mechanical
Hunidity
+40
0C +/-20C
90% RH for 200Hours
Thermal Shock
+85
0C for 30 mins
-30
0C for 30 mins
Vibration
10 - 55Hz 2mm amplitude
2 hours XYZ axis
Soldering
Condition
235 +/-5
0c
2 Seconds +/-0.5 S
ECT396
A
B
C
D
E
F
G
H
J
12.1
11.4
3.5
9.60
8.2
1.0
7.62
2.54
2.7
Dimensions in mm
Pin
1
2
3
4
5
6
Vcc
N/C
GND
O/P
GND
GND
Part Numbering ECT396 Z 9.60 C
W
I
Type
Z= Clipped Sine
Frequency
Stability (C= +/-2.5ppm)
Supply Voltage (W=3.3V)
Trimmer (I= Internal E=External)


Similar Part No. - ECT396

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECT3033 ECM-ECT3033 Datasheet
65Kb / 1P
Surface Mount TCXO
ECT3033ZC12.8WI ECM-ECT3033ZC12.8WI Datasheet
65Kb / 1P
Surface Mount TCXO
logo
EnOcean GmbH.
ECT310 ENOCEAN-ECT310 Datasheet
234Kb / 2P
EnOcean powered by Thermal Energy
March 2012
logo
E-CMOS Corporation
ECT33W5NNB8R E-CMOS-ECT33W5NNB8R Datasheet
217Kb / 4P
TVS Diode Array for Latch up Protection
logo
ECM Electronics Limited...
ECT35230 ECM-ECT35230 Datasheet
112Kb / 1P
Surface Mount TCXO
More results

Similar Description - ECT396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTX5 ETC-CTX5 Datasheet
45Kb / 1P
Surface Mount TCXO
logo
ECM Electronics Limited...
ECT35230 ECM-ECT35230 Datasheet
112Kb / 1P
Surface Mount TCXO
ECT400 ECM-ECT400 Datasheet
62Kb / 1P
Surface Mount TCXO
ECT600 ECM-ECT600 Datasheet
71Kb / 1P
Surface Mount TCXO
ECT3033 ECM-ECT3033 Datasheet
65Kb / 1P
Surface Mount TCXO
ECVT45230 ECM-ECVT45230 Datasheet
114Kb / 1P
Surface Mount VC-TCXO
logo
List of Unclassifed Man...
CATZ-A6B3 ETC2-CATZ-A6B3 Datasheet
44Kb / 1P
Ceramic Surface Mount TCXO
logo
Connor-Winfield Corpora...
T533D5 CONNOR-WINFIELD-T533D5 Datasheet
218Kb / 2P
3.3V 5X7mm SURFACE MOUNT TCXO
TFLB530EG CONNOR-WINFIELD-TFLB530EG Datasheet
171Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLD546EG5 CONNOR-WINFIELD-TFLD546EG5 Datasheet
184Kb / 2P
SURFACE MOUNT 3.3V HCMOS TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com