Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT8120 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECT8120
Description  1Surface Mount TCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECT8120 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECT8120 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Surface Mount TCXO
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary. Issue 2
Surface Mount 5.0 x 3.2mm
Low Profile
Low Current Consumption
Excellent Stability
3V Supply
Parameter
ECT8120
Frequency Range
12.80MHz to 19.68MHz
Specify
Temperature
Stability
+/-2.5ppm -300 to +75oC
Stability vs Supply
+/-0.3ppm
Supply Voltage
+3V
Supply Current
2.0mA
Output Level
0.8V p-p (min)
Output Waveform
Clipped Sine Wave DC
Output Load
10K
Ω//10pF
Phase Noise
1kHz offset
-130dBc / Hz (max)
Aging
+/-1ppm / yr
Environmental & Mechanical
Humidity
+400C +/-20C
90% RH for 200Hours
Thermal Shock
+850C for 30 mins
-300C for 30 mins
Vibration
10 - 55Hz 2mm amplitude
2 hours XYZ axis
Soldering
Condition
235 +/-50c
2 Seconds +/-0.5 S
ECT8120
Type
A
B
C
D
E
F
G
H
I
J
All
5.0
3.2
1.5
0.8
3.71
1.4
4.0
2.5
1.5
1.8
Dimensions in mm
Pin
1
2
3
4
GND
GND
O/P
VCC
Part Numbering
ECT8120 Z 12.80M
Type
Z= Clipped Sine
Frequency


Similar Part No. - ECT8120

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ECT ECE-ECT Datasheet
191Kb / 3P
SPLICING CONNECTOR FOR TELECOMMUNICATION
logo
Ecliptek Corporation
ECT-20-30.000M-GA ECLIPTEK-ECT-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-GTR ECLIPTEK-ECT-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-I2A ECLIPTEK-ECT-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-I2TR ECLIPTEK-ECT-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECT8120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTX5 ETC-CTX5 Datasheet
45Kb / 1P
Surface Mount TCXO
logo
ECM Electronics Limited...
ECT35230 ECM-ECT35230 Datasheet
112Kb / 1P
Surface Mount TCXO
ECT396 ECM-ECT396 Datasheet
64Kb / 1P
Surface Mount TCXO
ECT400 ECM-ECT400 Datasheet
62Kb / 1P
Surface Mount TCXO
ECT600 ECM-ECT600 Datasheet
71Kb / 1P
Surface Mount TCXO
ECT3033 ECM-ECT3033 Datasheet
65Kb / 1P
Surface Mount TCXO
ECVT45230 ECM-ECVT45230 Datasheet
114Kb / 1P
Surface Mount VC-TCXO
logo
List of Unclassifed Man...
CATZ-A6B3 ETC2-CATZ-A6B3 Datasheet
44Kb / 1P
Ceramic Surface Mount TCXO
logo
Connor-Winfield Corpora...
TFLB530EG CONNOR-WINFIELD-TFLB530EG Datasheet
171Kb / 2P
3.3V SURFACE MOUNT LVCMOS TCXO
TFLD546EG5 CONNOR-WINFIELD-TFLD546EG5 Datasheet
184Kb / 2P
SURFACE MOUNT 3.3V HCMOS TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com