Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECV30 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECV30
Description  VCXO Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECV30 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECV30 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM VCXO Crystal Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECV30 Series
Environmental & Mechanical
Temp
Cycle
+/-5ppm max 0
0C +1200C
3 cycles 2hours max
Shock
3 Shocks in each plane
Vibration
10Hz – 55Hz
1.5mm displacement
Humidity
85% relative humidity
Gross
Leak Test
100% test in de-ionised H2O
Pin
1
7
8
14
Function
Vc
0V
O/P
Vcc
A
B
C
D
E
F
G
12.70
20.30
8.50
3.00
0.50
15.24
7.62
Dimensions in mm
Parameter
ECV30
Frequency Range
1.50MHz to 160.0MHz
Specify
Frequency
Stability
+/-30ppm
Supply Voltage
5V +/-5% (X)
3.3V +/-5% (L)
Standard
Specify
Supply Current
15mA max
Operating Temp
-10
0C to + 600C
Storage Temp
-25
0C to +1000C
Symmetry
45/55….55/45
Control Voltage
0.5V to 4.5V
0.5V to 3.3V
Vcc 5.0V
Vcc3.3V
Pulling Range
+/-100ppm (min) (S)
+/-200ppm (A)
+/-250ppm (B)
Standard
Specify
Specify
Output
HCMOS 15pF
Rise & Fall Times
10nS (max)
Jitter
10pS 1.5MHz to 35MHz
250ps 35MHz to 160MHz
§ 1.50MHz to 160.0MHz
§ Full size 14 (4) pin DIL
§ Hermetically Sealed Case
§ Half Size ECV15 Available
§ Fast Delivery
§ Custom Options
Part Numbering ECV30 H 20.0 A
X
Type
Output
H = HCMOS
Frequency
Pulling
Supply
Voltage


Similar Part No. - ECV30

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV321NNB2R E-CMOS-ECV321NNB2R Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV321NNM1R E-CMOS-ECV321NNM1R Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV358NNM1R E-CMOS-ECV358NNM1R Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - ECV30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCO-734A ETC-TCO-734A Datasheet
71Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
ECM Electronics Limited...
ECV15 ECM-ECV15 Datasheet
65Kb / 1P
VCXO Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SA NDK-NV7050SA Datasheet
82Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Epson Company
VG-4513CB EPSON-VG-4513CB Datasheet
398Kb / 2P
VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR (VCXO)
logo
Seiko Instruments Inc
VG2520CAN SII-VG2520CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
VG7050CAN SII-VG7050CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
logo
Fronter Electronics Co....
VCXO-DIP8 FRONTER-VCXO-DIP8 Datasheet
196Kb / 1P
Voltage Controlled Crystal Oscillator(VCXO)
logo
TXC Corporation.
BN-SERIES TXC-BN-SERIES Datasheet
951Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
BP-SERIES TXC-BP-SERIES Datasheet
955Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com