Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECV40 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECV40
Description  Surface Mount VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECV40 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECV40 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Surface Mount VCXO
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ Output Enable
§ Wide Frequency Range
§ 3.3V Supply
§ Low Profile
ECV40 - Series
Environmental & Mechanical
Mechanical Shock
JIS-C-6701
Thermal Shock
JIS-C-9701
Vibration
JIS-C-6701
Soldering Condition
230
0C for 10s max
Hermetic Seal
JIS-C-6701
Parameter
ECV40
Notes
Frequency Range
1.00MHz to 52.0MHz
Specify
Frequency
Stability
+/-25ppm (A)
+/-50ppm (B)
+/-100ppm (C)
Specify
Supply Voltage
5V +/-5%
(X)
3.3V +/-5% (L)
Specify
Supply Current
15mA – 40mA
(frequency dependent)
Load
15pF
Duty Cycle
40/60
Rise & Fall Times
5nS max
Start Up Time
10mS max
Modulation
20kHz min
Control Voltage
+1.65V+/-1.5V
+2.5V+/-2.0V
VDD 3.3
VDD 5.0V
Pulling Range
+/- 50ppm (A)
+/-100ppm (B)
Specify
Linearity
+/-10%
Operating Temp
-10
0C to +700C
Storage Temp
-40
0C to +850C
Pin
1
2
3
4
5
6
VC
E/D
GND
O/P
NC
VDD
A
B
C
D
E
F
G
7.50
5.00
1.9
1.40
5.08
1.20
4.00
Dimmensions in mm
Part Numbering ECV40
A 44.928 B
L
Type
Stability
Frequency
Pulling
Supply Voltage


Similar Part No. - ECV40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECV VISHAY-ECV Datasheet
87Kb / 5P
Aluminum Capacitors
13-Nov-08
ECV VISHAY-ECV Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
logo
ECM Electronics Limited...
ECV15 ECM-ECV15 Datasheet
65Kb / 1P
VCXO Crystal Oscillator
ECV15H20.0X ECM-ECV15H20.0X Datasheet
65Kb / 1P
VCXO Crystal Oscillator
ECV20 ECM-ECV20 Datasheet
60Kb / 1P
VCXO Voltage Controlled Oscillator
More results

Similar Description - ECV40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VF194 ETC2-VF194 Datasheet
210Kb / 1P
Surface Mount VCXO
logo
ECM Electronics Limited...
VF194 ECM-VF194 Datasheet
210Kb / 1P
Surface Mount VCXO
VF594 ECM-VF594 Datasheet
165Kb / 1P
Surface Mount VCXO
VF594T ECM-VF594T Datasheet
169Kb / 1P
Surface Mount VCXO
logo
List of Unclassifed Man...
CC154 ETC2-CC154 Datasheet
48Kb / 1P
Ceramic Surface Mount VCXO
logo
Advanced Crystal Techno...
ACT-SMPV-6 ACT-ACT-SMPV-6 Datasheet
567Kb / 3P
Surface Mount VCXO
2/08/05
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
SURFACE MOUNT ACMOS VCXO
VSH31012 CONNOR-WINFIELD-VSH31012 Datasheet
65Kb / 1P
SURFACE MOUNT HCMOS VCXO
VSML31151 CONNOR-WINFIELD-VSML31151 Datasheet
120Kb / 2P
SURFACE MOUNT 3.3V VCXO
logo
Golledge Electronics Lt...
GVXO-331G GOLLEDGE-GVXO-331G Datasheet
595Kb / 5P
1.8V Surface Mount VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com