Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECXO5 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECXO5
Description  Surface Mount Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECXO5 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECXO5 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Surface Mount Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECXO5 Series
Environmental & Mechanical
Mechanical
Shock
Mil STD 202 Method 213
Cond E
Thermal
Shock
Mil STD 883 Method 1011
Cond A
Vibration
MIL-STD-883 Method 2007
Cond A
Soldering
Condition
230
0C for 10s max
Hermetic
Seal
Leak rate less than 5x10
-8
Atm.cc/s of helium
Pin
1
2
3
4
Function
E/D
GND
O/P
VDD
A
B
C
D
E
F
G
7.70
5.00
1.60
5.08
4.20
1.80
1.20
Parameter
ECXO5
Frequency Range
1.50MHz to 125.0MHz
ECXO5-T
ECXO5-C
ECXO5-L
Frequency
Stability
(A) +/-25ppm (B) +/-50ppm (C) +/-100ppm
Supply Voltage
+5V
+5V
+3.3V
Supply Current
1.0 to 9.99MHz
10.0 to 19.99MHz
20.0 to 31.99MHz
32.0 to 49.99MHz
50.0 to 79.99MHz
80.0 to 90.99MHz
100 to 125.0MHz
15mA
20mA
30mA
40mA
50mA
60mA
80mA
10mA
15mA
25mA
35mA
50mA
60mA
80mA
7mA
7mA
12mA
20mA
25mA
30mA
40mA
Load
10TTL
15pF
15pF
Duty Cycle
45 - 55
45 - 55
45 - 55
Rise & Fall Times
1.00 to 9.99MHz
10.0 to 19.99MHz
20.0 to 31.99MHz
32.0 to 49.99MHz
50.0 to 79.99MHz
80.0 to 90.99MHz
100 to 125.0MHz
15nS
15nS
8nS
5nS
5nS
5nS
4nS
15nS
15nS
10nS
6nS
5nS
5nS
4nS
20nS
15nS
10nS
10nS
8nS
5nS
4nS
Operating Temp
0
0C to + 700C
Start-up Times
1.00 to 20.0MHz
20.01 to 32.0MHz
32.01 to 50.0MHz
50.01 to 125MHz
15mS
15mS
10mS
10mS
15mS
15mS
10mS
10mS
20mS
20mS
15mS
10mS
§ Surface Mount
§ TTL and CMOS Compatible
§ 3.3V Option
§ Output Enable Standard
§ Low Power Consumption
Part numbering ECXO5 T 19.00 B
Type
Version
Frequency
Stability


Similar Part No. - ECXO5

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECXO62 ECM-ECXO62 Datasheet
70Kb / 1P
Surface Mount Oscillator
ECXO62H25.00MB ECM-ECXO62H25.00MB Datasheet
70Kb / 1P
Surface Mount Oscillator
ECXO63 ECM-ECXO63 Datasheet
70Kb / 1P
Surface Mount Oscillator
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
Surface Mount Oscillator
ECXO91TE6.0MB ECM-ECXO91TE6.0MB Datasheet
70Kb / 1P
Surface Mount Oscillator
More results

Similar Description - ECXO5

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
Surface Mount Oscillator
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-533 VISHAY-XOSM-533 Datasheet
92Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
Surface Mount Oscillator
08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
Surface Mount Oscillator
08-Mar-11
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
Surface Mount Oscillator
08-Mar-11
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
Surface Mount Oscillator
16-Aug-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com