Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1012 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # FS1012
Description  Shielded Radial Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

FS1012 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  FS1012 Datasheet HTML 1Page - ECM Electronics Limited. FS1012 Datasheet HTML 2Page - ECM Electronics Limited. FS1012 Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECM Shielded Radial Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ Ultra High Inductance Values
§ Ferrite Shielded
§ Excellent ‘Q’
§ Typical Pack Size 5000pcs
FS Series
COMPONENT OUTLINE
Fig.1
Fig.2
(1 = FS1012 Type, 2 = FSB1014 Type)
The FS range of shielded radial inductors from ECM is available in 2 basic configurations. Both
variations offer excellent ferrite shielding characteristics and high ‘Q’. The FSB type features
hard wire pins for ease of automatic assembly.
DIMENSIONS (mm)
ECM Type
Inductance Range
Outline
(Fig.)
A
(mm)
B
C
D
Pin
Dia.
FS1012
1.2mH~1.2H
1
13.5
11.0
10.0
5.0
0.65
FSB1014
1.0mH~120mH
2
14.0
11.0
3.5
5.0
0.70


Similar Part No. - FS1012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS1012 ETC1-FS1012 Datasheet
122Kb / 2P
FERRITE SHIELDED INDUCTORS
logo
Integrated Device Techn...
FS1012 IDT-FS1012 Datasheet
298Kb / 6P
Gas and Liquid Flow Sensor Module
logo
Renesas Technology Corp
FS1012 RENESAS-FS1012 Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
logo
Integrated Device Techn...
FS1012-1001-LQ IDT-FS1012-1001-LQ Datasheet
298Kb / 6P
Gas and Liquid Flow Sensor Module
logo
Renesas Technology Corp
FS1012-1001-LQ RENESAS-FS1012-1001-LQ Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
More results

Similar Description - FS1012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
Radial Shielded Inductors
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
Datatronic Distribution...
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-2-222 DATATRONICS-DR366-2-222 Datasheet
110Kb / 2P
Radial Leaded Shielded Inductors
DR366-3-332 DATATRONICS-DR366-3-332 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
SHIELDED RADIAL LEAD INDUCTORS
logo
Murata Power Solutions ...
1200RS MURATA-PS-1200RS Datasheet
132Kb / 3P
Through Hole Radial Lead Shielded Inductors
logo
Bourns Electronic Solut...
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
Radial Shielded Inductors
logo
Allied Components Inter...
ARS875 ALLIED-ARS875 Datasheet
1Mb / 1P
Radial Shielded Bobbin Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com