Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # HC49
Description  Standard Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

HC49 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  HC49 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Standard Crystal
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
HC49/U Case
Dimensions in mm
Parameter
HC49/U – ECM11E
Frequency Range
1.8432MHz to 225.00MHz
Calibration Tolerance
@25
0C
+/- 20ppm standard
other options available
Specify
Temperature
Tolerance
+/- 50ppm
other options available
Specify
Operating
Temperature
-10
0C to +600C
other options available
Specify
Storage Temp
-55
0C to +1250C
Load Capacitance
10pf to
∞ or Series
Specify
ESR
20
Ω to 200Ω
Frequency Dependant
Shunt Capacitance
7.0pf max
Drive Level
1.0mW max
Ageing
+/-3ppm First year
+/-1ppm Available
Specify
§ In Depth Stock
§ Standard Frequencies
§ Fast Delivery
§ Competitive Prices For Volume Users
§ Custom Options Available
Environmental & Mechanical
Temperature
Cycle
MIL-STD-883C
Method 1010.7
Shock
MIL-STD-883C
Method 2002
Vibration
MIL-STD-883C
Method 2007.2
Humidity
JIS C 5021-22
Gross Leak
Test
MIL-STD-883C
Method 1014.9 Condition A
Standard Frequencies in MHz.
3.579545
8.192
18.432
3.6864
9.8304
19.6608
4.00
10.00
20.00
4.032
10.752
22.1184
4.096
11.0592
24.00014
4.194304
12.00
24.576
4.433619
12.288
28.224
4.9152
14.31818
29.4912
6.00
14.7456
32.00
6.144
15.36
32.768
7.3728
16.00
35.2512
7.68
16.384
40.32
8.00
16.9344
56.448
A
B
C
D
E
F
11.20
4.65
13.46
12.70
4.90
0.43


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HC49 HITACHI-HC49 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
HC49 JAUCH-HC49 Datasheet
97Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
Seiko Instruments Inc
SP521P SII-SP521P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
logo
ECM Electronics Limited...
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
HC494 ECM-HC494 Datasheet
77Kb / 1P
Standard Surface Mount Crystal
logo
AEL Crystals Ltd
HC-49U AEL-HC-49U Datasheet
134Kb / 1P
Standard Height Crystal
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
Uses standard 27MHz crystal
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
Uses standard 27MHz crystal
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49_16 Datasheet
111Kb / 1P
Standard Crystal
HC49 GOLLEDGE-HC49_18 Datasheet
535Kb / 4P
Standard Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com