Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF45R2 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # MF45R2
Description  Monolithic Crystal Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF45R2 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  MF45R2 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Monolithic Crystal Filters
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM 45.0MHz Series
§ Fundamental Mode
§ Small Size
§ Cost Effective Design
§ Surface Mount Options
§ Custom Options
Type
Centre
Frequency
Ripple
(max)
Number
Of Poles
Passband
Width
Termination
Impedance
Case Style
Fundamental
F45M08B1
45.0MHz
1.0dB
4
3dB +/-3.75kHz
330
Ω//7pF
UM-1 x 2
F45M10B1
45.0MHz
1.0dB
4
3dB +/-5.00kHz
390
Ω//4pF
UM-1 x 2
F45M12B1
45.0MHz
1.0dB
4
3dB +/-6.00kHz
390
Ω//4pF
UM-1 x 2
F45M13B1
45.0MHz
1.0dB
4
3dB +/-6.50kHz
390
Ω//4pF
UM-1 x 2
F45M15A1
45.0MHz
0.5dB
2
3dB +/-7.50kHz
470
Ω//6pF
UM-1
F45M15B1
45.0MHz
1.0dB
4
3dB +/-7.50kHz
470
Ω//3pF
UM-1 x 2
F45M15C1
45.0MHz
2.0dB
6
6dB +/-7.50kHz
470
Ω//3pF
M-107
F45M18A1
45.0MHz
0.5dB
2
3dB +/-9.00kHz
470
Ω//6pF
UM-1
F45M18B1
45.0MHz
1.0dB
4
3dB +/-9.00kHz
500
Ω//3pF
UM-1 x 2
F45M35B1
45.0MHz
1.0dB
4
3dB +/-17.5kHz
1000
Ω//1pF
UM-1 x 2
F45M20A1
45.0MHz
0.5dB
2
3dB +/-10.0kHz
560
Ω//5pF
UM-1
F45M20B1
45.0MHz
1.0dB
4
3dB +/-10.0kHz
560
Ω//2pF
UM-1 x 2
MF45MB2
45.0MHz
1.5dB
2
3dB +/-3.75kHz
330
Ω//6.5pF
TR-6 x 2
MF45R2
45.0MHz
0.5dB
1
3dB +/-7.50kHz
560
Ω//6pF
TR6
MF45RB2
45.0MHz
1.0dB
2
3dB +/-7.50kHz
560
Ω//2.5pF
TR-6 x 2
MF45RBB
45.0MHz
1.0dB
2
3dB +/-7.50kHz
800
Ω//1.7pF
TR-6 x 2
MF45SBA
45.0MHz
1.0dB
2
3dB +/-10.0kHz
730
Ω//2pF
TR-6 x 2
MF45U9
45.0MHz
1.0dB
1
3dB +/-15.0kHz
1200
Ω//0
TR-6
Overtone Series
F45M15A
45.0MHz
0.5dB
2
3dB +/-7.50kHz
3000
Ω//-1pF
HC49/U
F45M15AU
45.0MHz
1.0dB
2
3dB +/-7.50kHz
4000
Ω//-1pF
UM-1
F45M15BU
45.0MHz
1.0dB
4
3dB +/-7.50kHz
3500
Ω//-1pF
UM-1 x 2
F45M20A
45.0MHz
0.5dB
2
3dB +/-10.0kHz
3900
Ω//-1pF
HC49/U
MF49P
45.0MHz
1.0dB
1
3dB +/-5.00kHz
3300
Ω//-1pF
TR-1


Similar Part No. - MF45R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Cystech Electonics Corp...
MF4001 CYSTEKEC-MF4001 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4002 CYSTEKEC-MF4002 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4003 CYSTEKEC-MF4003 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
MF4004 CYSTEKEC-MF4004 Datasheet
135Kb / 3P
SURFACE MOUNT DIODES
More results

Similar Description - MF45R2

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
Monolithic Crystal Filters
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
Monolithic Crystal Filters
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com